データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA14 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 PZTA14
部品情報  NPN Darlington Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA14 データシート(HTML) 3 Page - Fairchild Semiconductor

  PZTA14 Datasheet HTML 1Page - Fairchild Semiconductor PZTA14 Datasheet HTML 2Page - Fairchild Semiconductor PZTA14 Datasheet HTML 3Page - Fairchild Semiconductor PZTA14 Datasheet HTML 4Page - Fairchild Semiconductor PZTA14 Datasheet HTML 5Page - Fairchild Semiconductor PZTA14 Datasheet HTML 6Page - Fairchild Semiconductor PZTA14 Datasheet HTML 7Page - Fairchild Semiconductor PZTA14 Datasheet HTML 8Page - Fairchild Semiconductor PZTA14 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Typical Characteristics (continued)
NPN Darlington Transistor
(continued)
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
Collector-Emitter Breakdown
Voltage with Resistance
Between Emitter-Base
0.1
1
10
100
1000
59.5
60
60.5
61
61.5
62
62.5
RESISTANCE (k )
Input and Output Capacitance
vs Reverse Voltage
0.1
1
10
100
2
5
10
20
V
- COLLECTOR VOLTAGE(V)
Cib
Cob
f = 1.0 MHz
Gain Bandwidth Product
vs Collector Current
110
20
50
100 150
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
V
= 5V
ce
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 30V
CB


同様の部品番号 - PZTA14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZTA14 PHILIPS-PZTA14 Datasheet
44Kb / 8P
   NPN Darlington transistor
1999 Apr 14
logo
Infineon Technologies A...
PZTA14 INFINEON-PZTA14 Datasheet
524Kb / 6P
   NPN Silicon Darlington Transistor
2011-10-04
logo
Siemens Semiconductor G...
PZTA14 SIEMENS-PZTA14 Datasheet
139Kb / 4P
   NPN Silicon Darlington Transistors
logo
Nexperia B.V. All right...
PZTA14 NEXPERIA-PZTA14 Datasheet
280Kb / 8P
   NPN Darlington transistor
1999 Apr 14
logo
Fairchild Semiconductor
PZTA14 FAIRCHILD-PZTA14 Datasheet
55Kb / 3P
   NPN Darlington Transistor
More results

同様の説明 - PZTA14

メーカー部品番号データシート部品情報
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com