データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT544D データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74ABT544D
部品情報  Octal latched transceiver with dual enable; inverting; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT544D データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74ABT544D Datasheet HTML 7Page - NXP Semiconductors 74ABT544D Datasheet HTML 8Page - NXP Semiconductors 74ABT544D Datasheet HTML 9Page - NXP Semiconductors 74ABT544D Datasheet HTML 10Page - NXP Semiconductors 74ABT544D Datasheet HTML 11Page - NXP Semiconductors 74ABT544D Datasheet HTML 12Page - NXP Semiconductors 74ABT544D Datasheet HTML 13Page - NXP Semiconductors 74ABT544D Datasheet HTML 14Page - NXP Semiconductors 74ABT544D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
9397 750 14756
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 20 April 2005
11 of 19
Philips Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 7.
3-state output enable time to HIGH-level and output disable time from HIGH-level
VM = 1.5 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 8.
3-state output enable time to LOW-level and output disable time from LOW-level
VM = 1.5 V.
The shaded areas indicate when the input is permitted to change for predictable output
performance.
Fig 9.
Data set-up and hold times and latch enable pulse width
001aac760
VM
VM
VOH − 0.3 V
VOH
VOL
GND
VI
VM
tPHZ
tPZH
An, Bn output
OEAB, OEBA,
EAB, EBA input
001aac762
VM
VM
VOL + 0.3 V
VM
tPLZ
tPZL
An, Bn output
OEAB, OEBA,
EAB, EBA input
VI
GND
VOH
VOL
twL
001aac763
VM
An, Bn input
VM
VM
VM
VM
VM
tsu(H)
th(H)
tsu(L)
th(L)
LEAB, LEBA input
VI
GND
VOH
VOL


同様の部品番号 - 74ABT544D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT544D NXP-74ABT544D Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544D PHILIPS-74ABT544D Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544DB NXP-74ABT544DB Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT544DB PHILIPS-74ABT544DB Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
More results

同様の説明 - 74ABT544D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com