データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT544N データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74ABT544N
部品情報  Octal latched transceiver with dual enable; inverting; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT544N データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74ABT544N Datasheet HTML 5Page - NXP Semiconductors 74ABT544N Datasheet HTML 6Page - NXP Semiconductors 74ABT544N Datasheet HTML 7Page - NXP Semiconductors 74ABT544N Datasheet HTML 8Page - NXP Semiconductors 74ABT544N Datasheet HTML 9Page - NXP Semiconductors 74ABT544N Datasheet HTML 10Page - NXP Semiconductors 74ABT544N Datasheet HTML 11Page - NXP Semiconductors 74ABT544N Datasheet HTML 12Page - NXP Semiconductors 74ABT544N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9397 750 14756
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 20 April 2005
9 of 19
Philips Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
tPHZ
output disable time from HIGH-level
OEBA to An, OEAB to Bn
see Figure 7
2.0
3.3
4.3
ns
EBA to An, EAB to Bn
see Figure 7
2.1
3.4
4.5
ns
tPLZ
output disable time from LOW-level
OEBA to An, OEAB to Bn
see Figure 8
2.0
2.8
5.8
ns
EBA to An, EAB to Bn
see Figure 8
2.0
3.0
6.2
ns
tsu(H)
set-up time HIGH
An to LEAB, Bn to LEBA
see Figure 9
3.0
1.5
-
ns
An to EAB, Bn to EBA
see Figure 9
3.0
1.5
-
ns
tsu(L)
set-up time LOW
An to LEAB, Bn to LEBA
see Figure 9
3.0
0.6
-
ns
An to EAB, Bn to EBA
see Figure 9
3.0
0.6
-
ns
th(H)
hold time HIGH
An to LEAB, Bn to LEBA
see Figure 9
0.5
−0.3
-
ns
An to EAB, Bn to EBA
see Figure 9
0.5
−0.2
-
ns
th(L)
hold time LOW
An to LEAB, Bn to LEBA
see Figure 9
0.5
−1.3
-
ns
An to EAB, Bn to EBA
see Figure 9
0.5
−1.3
-
ns
twL
pulse width LOW LEAB and LEBA
see Figure 9
3.5
1.8
-
ns
Tamb = −40 °C to +85 °C; VCC = 5.0 V ± 0.5 V
tPLH
propagation delay
An to Bn, Bn to An
see Figure 5
1.7
-
4.7
ns
LEBA to An, LEAB to Bn
see Figure 5 and 6
2.1
-
5.2
ns
tPHL
propagation delay
An to Bn, Bn to An
see Figure 5
2.4
-
5.2
ns
LEBA to An, LEAB to Bn
see Figure 5 and 6
3.0
-
6.2
ns
tPZH
output enable time to HIGH-level
OEBA to An, OEAB to Bn
see Figure 7
1.8
-
4.7
ns
EBA to An, EAB to Bn
see Figure 7
1.9
-
5.0
ns
tPZL
output enable time to LOW-level
OEBA to An, OEAB to Bn
see Figure 8
2.9
-
6.1
ns
EBA to An, EAB to Bn
see Figure 8
3.1
-
6.5
ns
tPHZ
output disable time from HIGH-level
OEBA to An, OEAB to Bn
see Figure 7
2.0
-
4.9
ns
EBA to An, EAB to Bn
see Figure 7
2.1
-
5.2
ns
tPLZ
output disable time from LOW-level
OEBA to An, OEAB to Bn
see Figure 8
2.0
-
6.3
ns
EBA to An, EAB to Bn
see Figure 8
2.0
-
6.7
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 10.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - 74ABT544N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT544N PHILIPS-74ABT544N Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
More results

同様の説明 - 74ABT544N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com