データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33999 データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MC33999
部品情報  16-Output Switch with SPI and PWM Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33999 データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33999 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33999
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic Voltage Thresholds (13)
VINLOGIC
0.8
2.2
V
Input Logic Voltage Thresholds for RST
VINRST
0.8
2.2
V
SI Pulldown Current
SI = 5.0 V
ISI
2.0
10
30
µA
CS
Pullup Current
CS
= 0 V
ICS
-30
-10
-2.0
µA
SCLK Pulldown Current
SCLK = 5.0 V
ISCLK
2.0
10
30
µA
RST
Pulldown Current
RST
= 5.0 V
IRST
5.0
25
50
µA
PWM and PWMn Pulldown Current
IPWM
2.0
10
30
µA
SO High-State Output Voltage
ISO-high = -1.6 mA
VSOH
SOPWR-
0.4
SOPWR -
0.2
V
SO Low-State Output Voltage
ISO-low = 1.6 mA
VSOL
0.4
V
Input Capacitance on SCLK, SI, Tri-State SO, RST (14)
CIN
20
pF
Notes
13.
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, PWM, and PWMn.
14.
This parameter is guaranteed by design but is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.1 V
≤ SO
PWR ≤ 5.5 V, 5.0 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Typical values noted reflect the approximate parameter means at VPWR = 13 V, TA = 25°C under nominal conditions
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC33999

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
More results

同様の説明 - MC33999

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Toshiba Semiconductor
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com