データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PN4141 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 PN4141
部品情報  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN4141 データシート(HTML) 1 Page - Fairchild Semiconductor

  PN4141_02 Datasheet HTML 1Page - Fairchild Semiconductor PN4141_02 Datasheet HTML 2Page - Fairchild Semiconductor PN4141_02 Datasheet HTML 3Page - Fairchild Semiconductor PN4141_02 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, November 2002
Absolute Maximum Ratings* T
A=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaird.
NOTES:
1. These ratings are based on a maximum junction temperature of 150 degrees C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Electrical Characteristics T
A=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
- Continuous
500
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = 10mA, IB = 0
30
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10µA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
5.0
V
ICEX
Collector Cut-off Current
VCB = 40V, VOB = 3.0V
50
nA
IBL
Base Cutoff Current
VCB = 40V, VOB = 3.0V
50
nA
On Characteristics
hFE
DC Current Gain
VCE = 10V, IC = 100µA
VCE = 10V, IC = 1.0mA
VCE = 10V, IC = 10mA
VCE = 10V, IC = 150mA
VCE = 10V, IC = 500mA
VCE = 1.0V, IC = 150mA
35
50
75
100
30
50
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
0.4
1.6
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
1.3
2.6
V
V
Small Signal Characteristics
Cob
Output Capacitance
VCB = 10V, f = 100KHz
8.0
pF
hfe
Small Signal Current Gain
IC = 20mA, VCE = 20V, f = 100MHz
2.5
Switching Characteristics
td
Delay Time
VCC = 30V, IC = 150mA
IB1 = 15mA, VOB(off) = 0.5V
10
ns
tr
Rise Time
40
ns
ts
Storage Time
VCC = 30V, IC = 150mA
IB1 = IB2 = 15mA
250
ns
tf
Fall Time
2.5
60
ns
PN4141
NPN General Purpose Amplifier
• This device is designed for use as general purpose amplifiers and
switches requiring collector currents to 300mA.
1. Emitter 2. Base 3. Collector
TO-92
1


同様の部品番号 - PN4141_02

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
PN4141 FAIRCHILD-PN4141 Datasheet
25Kb / 2P
   NPN General Purpose Amplifier
More results

同様の説明 - PN4141_02

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL