データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040C25FTA データシート(PDF) 3 Page - Zetex Semiconductors

部品番号 LM4040C25FTA
部品情報  Precision micropower shunt voltage references
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

LM4040C25FTA データシート(HTML) 3 Page - Zetex Semiconductors

  LM4040C25FTA Datasheet HTML 1Page - Zetex Semiconductors LM4040C25FTA Datasheet HTML 2Page - Zetex Semiconductors LM4040C25FTA Datasheet HTML 3Page - Zetex Semiconductors LM4040C25FTA Datasheet HTML 4Page - Zetex Semiconductors LM4040C25FTA Datasheet HTML 5Page - Zetex Semiconductors LM4040C25FTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM4040 - 2.5
Issue 2 - February 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics
Over recommended operating conditions, Tamb = 25°C, unless otherwise stated.
Symbol Parameter
Conditions
Typ.
LM4040C
limits
LM4040D
limits
Units
Tamb
VREF
Reverse breakdown
voltage
IR = 100 A25°C
2.5
V
Reverse breakdown
voltage tolerance
IR = 100 A
25°C
±12
±25
mV
-40 to 85°C
±29
±49
-40 to 125°C
±38
±63
IRMIN
Minimum operating
current
25°C
45
60
65
A
-40 to 85°C
65
70
-40 to 125°C
68
73
VR/ T
Average reverse
breakdown voltage
temperature
coefficient
IR = 10mA
-40 to 125°C
±20
ppm/°C
IR = 1mA,
±15
±100
±150
IR = 100 A±15
VR/ IR
Reverse breakdown
change with current
IRMIN < IR <
1mA
25°C
0.3
0.8
1.0
mV
-40 to 85°C
1.0
1.2
-40 to 125°C
1.0
1.2
1mA < IR <
15 mA
25°C
2.5
6.0
8.0
-40 to 85°C
8.0
10.0
-40 to 125°C
8.0
10.0
ZR
Dynamic output
impedance
IR = 1mA, f = 120Hz
IAC = 0.1IR
0.3
0.9
1.1
en
Noise voltage
IR = 100 A
10Hz < f < 10kHz
45
VRMS
VR
Long term stability
(non cumulative)
t = 1000Hrs
IR = 100 A
25°C
120
ppm
VHYST Thermal hysteresis
T = -40°C to +125°C
0.08
%


同様の部品番号 - LM4040C25FTA

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
LM4040C25FTA ZETEX-LM4040C25FTA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040C25FTA DIODES-LM4040C25FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results

同様の説明 - LM4040C25FTA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com