データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC147M96 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HC147M96
部品情報  High-Speed CMOS Logic 10- to 4-Line Priority Encoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HC147M96 データシート(HTML) 4 Page - Texas Instruments

  CD74HC147M96 Datasheet HTML 1Page - Texas Instruments CD74HC147M96 Datasheet HTML 2Page - Texas Instruments CD74HC147M96 Datasheet HTML 3Page - Texas Instruments CD74HC147M96 Datasheet HTML 4Page - Texas Instruments CD74HC147M96 Datasheet HTML 5Page - Texas Instruments CD74HC147M96 Datasheet HTML 6Page - Texas Instruments CD74HC147M96 Datasheet HTML 7Page - Texas Instruments CD74HC147M96 Datasheet HTML 8Page - Texas Instruments CD74HC147M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
I1, I2, I3, I6, I7
1.1
I4, I5, I8, I9
1.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
Input to Output (Figure 1)
tPLH, tPHL
CL = 50pF
2
-
-
160
-
200
-
240
ns
4.5
-
-
32
-
40
-
48
ns
5
-
13
-
-
-
-
-
ns
6
-
-
27
-
34
-
41
ns
Transition Times
(Figure 1)
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
CD54HC147, CD74HC147, CD74HCT147


同様の部品番号 - CD74HC147M96

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC147M96 TI-CD74HC147M96 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96 TI-CD74HC147M96 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96 TI-CD74HC147M96 Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96E4 TI-CD74HC147M96E4 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147M96E4 TI-CD74HC147M96E4 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
More results

同様の説明 - CD74HC147M96

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC147 TI-CD54HC147_08 Datasheet
522Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
348Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
CD74HC147 TI-CD74HC147 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 10-to-4 Line Priority Encoder
CD54HC147 TI-CD54HC147 Datasheet
492Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 10- to 4-Line Priority Encoder
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
   10-to-4 line priority encoder
2003 Oct 30
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com