データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5020C-BA データシート(PDF) 8 Page - Silicon Laboratories

部品番号 SI5020C-BA
部品情報  Si5020 MICRO PCB WITH S3050 FOOTPRINT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5020C-BA データシート(HTML) 8 Page - Silicon Laboratories

Back Button SI5020C-BA Datasheet HTML 4Page - Silicon Laboratories SI5020C-BA Datasheet HTML 5Page - Silicon Laboratories SI5020C-BA Datasheet HTML 6Page - Silicon Laboratories SI5020C-BA Datasheet HTML 7Page - Silicon Laboratories SI5020C-BA Datasheet HTML 8Page - Silicon Laboratories SI5020C-BA Datasheet HTML 9Page - Silicon Laboratories SI5020C-BA Datasheet HTML 10Page - Silicon Laboratories SI5020C-BA Datasheet HTML 11Page - Silicon Laboratories SI5020C-BA Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Si5020C-BA
8
Rev. 1.0
High-Speed Serial Input
The high-speed serial data inputs (SERDATIP/N)
provide data to the Si5020 for clock and data recovery.
The SERDATIP/N inputs are internally biased to an
input common mode voltage of 2.0 V and provide 100
line-to-line termination. AC coupling is recommended as
the
simplest
coupling
approach.
(See
"Typical
Application Schematic" on page 6.) Full details on the
SERDATIP/N pins can be found in the Si5020 data
sheet DIN± pin descriptions.
Recovered Data Output
The recovered data outputs (SERDATOP/N) transmit
the recovered serial data. These outputs are time
aligned to the recovered clock outputs.
The SERDATOP/N outputs are current mode logic
(CML) outputs. AC coupling is recommended as the
simplest coupling approach. (See "Typical Application
Schematic" on page 6.) Full details on the SERDATOP/
N pins can be found in the Si5020 data sheet DOUT±
pin descriptions.
Recovered Clock Output
The recovered clock outputs (SERCLKOP/N) transmit
the clock recovered from the serial data. These outputs
are time aligned to the recovered data outputs.
The SERCLKOP/N outputs are CML outputs. AC
coupling is recommended as the simplest coupling
approach. (See "Typical Application Schematic" on
page 6.) Full details on the SERCLKOP/N pins can be
found
in
the
Si5020
data
sheet
CLKOUT±
pin
descriptions.
Soldering/Assembly
The Si5020C-BA employs a minimal lead length which
is significantly different from a QFP lead. Despite the
lead differences, handling of the Si5020C-BA is similar
to handling of a QFP. Automation of the alignment and
soldering
processes
will
simplify
the
attachment.
Alignment can be accomplished using standard pick-
and-place machines. Set the pick point to the center of
the Si5020 device; this point is marked within the
mechanical drawing. (See Figure 2 on page 12.) Once
aligned, soldering the Si5020C-BA to another PCB is
best accomplished using solder paste and a reflow
chamber. Once the Si5020C-BA is placed upon the
solder paste the reflow process can occur.
The Si5020C-BA evaluation board itself has been
assembled using 220 °C solder in order maintain the
locations of the Si5020 device, voltage regulator,
inverter, and passive components on the board during
the reflow process.


同様の部品番号 - SI5020C-BA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5020 SILABS-SI5020 Datasheet
1Mb / 24P
   Digital cross connects
logo
List of Unclassifed Man...
SI5020-BM ETC1-SI5020-BM Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5020-EVB SILABS-SI5020-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
More results

同様の説明 - SI5020C-BA

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-2021 AVAGO-ACFM-2021 Datasheet
244Kb / 3P
   PCB footprint
logo
List of Unclassifed Man...
DDC112Y-250 ETC2-DDC112Y-250 Datasheet
1Mb / 2P
   PCB FOOTPRINT EXPERT
K22X-B25S-N ETC2-K22X-B25S-N Datasheet
738Kb / 2P
   Right Angle PCB Mount 0.318 Footprint
logo
Adam Technologies, Inc.
DXXX-SL-24-EMI ADAM-TECH-DXXX-SL-24-EMI Datasheet
112Kb / 1P
   D-SUB RIGHT ANGLE FEMALE FOOTPRINT PCB
logo
Glenair, Inc.
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
logo
Virginia Panel Corporat...
310113562 VPC-310113562 Datasheet
1Mb / 3P
   i2 MICRO iCON PCB ASSEMBLY
logo
Glenair, Inc.
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
   PCB Micro-D Filter Connectors
logo
Kycon, Inc.
K61X KYCON-K61X Datasheet
722Kb / 1P
   High Density Right Angle PCB Mount Compact Footprint
logo
EDAC, All Rights Reserv...
J2W048821N03031 EDAC-J2W048821N03031 Datasheet
90Kb / 1P
   J2W Series,4 PORT RJ45 WITH LEDS, VERTICAL PCB MOUNT, NON-SHIELDED, 3.2mm FOOTPRINT
J2W048821N05031 EDAC-J2W048821N05031 Datasheet
90Kb / 1P
   J2W Series,4 PORT RJ45 WITH LEDS, VERTICAL PCB MOUNT, NON-SHIELDED, 3.2mm FOOTPRINT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com