データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT540N データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74ABT540N
部品情報  Octal buffer, inverting (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT540N データシート(HTML) 5 Page - NXP Semiconductors

  74ABT540N Datasheet HTML 1Page - NXP Semiconductors 74ABT540N Datasheet HTML 2Page - NXP Semiconductors 74ABT540N Datasheet HTML 3Page - NXP Semiconductors 74ABT540N Datasheet HTML 4Page - NXP Semiconductors 74ABT540N Datasheet HTML 5Page - NXP Semiconductors 74ABT540N Datasheet HTML 6Page - NXP Semiconductors 74ABT540N Datasheet HTML 7Page - NXP Semiconductors 74ABT540N Datasheet HTML 8Page - NXP Semiconductors 74ABT540N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT540
Octal buffer, inverting (3-State)
1998 Jan 16
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Yn
1
1.0
1.0
2.9
3.1
4.1
4.3
1.0
1.0
4.8
4.8
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.1
1.1
4.1
4.6
4.9
5.8
1.1
1.1
5.9
6.4
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
1.5
1.2
3.6
2.9
6.8
5.7
1.5
1.2
7.3
6.2
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
An INPUT
VM
VM
Yn OUTPUT
VM
VM
tPHL
tPLH
SA00200
Waveform 1. Waveforms Showing the Input (An) to Output (Yn)
Propagation Delays
OEn
INPUT
VM
VM
tPZH
tPHZ
Yn
OUTPUT
VOH
VM
VM
Yn
OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00201
Waveform 2. Waveforms Showing the 3-State Output Enable
and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


同様の部品番号 - 74ABT540N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT540N PHILIPS-74ABT540N Datasheet
100Kb / 10P
   Octal buffer, inverting 3-State
1998 Jan 16
More results

同様の説明 - 74ABT540N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com