データシートサーチシステム |
|
ST92F150CV1T6 データシート(PDF) 5 Page - STMicroelectronics |
|
ST92F150CV1T6 データシート(HTML) 5 Page - STMicroelectronics |
5 / 429 page 5/429 ST92F124/F150/F250 - GENERAL DESCRIPTION 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The ST92F124/F150/F250 microcontroller is de- veloped and manufactured by STMicroelectronics using a proprietary n-well HCMOS process. Its performance derives from the use of a flexible 256-register programming model for ultra-fast con- text switching and real-time event response. The intelligent on-chip peripherals offload the ST9 core from I/O and data management processing tasks allowing critical application tasks to get the maxi- mum use of core resources. The new-generation ST9 MCU devices now also support low power consumption and low voltage operation for power- efficient and low-cost embedded systems. 1.1.1 ST9+ Core The advanced Core consists of the Central Processing Unit (CPU), the Register File, the Inter- rupt and DMA controller, and the Memory Man- agement Unit. The MMU allows a single linear ad- dress space of up to 4 Mbytes. Four independent buses are controlled by the Core: a 22-bit memory bus, an 8-bit register data bus, an 8-bit register address bus and a 6-bit inter- rupt/DMA bus which connects the interrupt and DMA controllers in the on-chip peripherals with the core. This multiple bus architecture makes the ST9 fam- ily devices highly efficient for accessing on and off- chip memory and fast exchange of data with the on-chip peripherals. The general-purpose registers can be used as ac- cumulators, index registers, or address pointers. Adjacent register pairs make up 16-bit registers for addressing or 16-bit processing. Although the ST9 has an 8-bit ALU, the chip handles 16-bit opera- tions, including arithmetic, loads/stores, and mem- ory/register and memory/memory exchanges. The powerful I/O capabilities demanded by micro- controller applications are fulfilled by the ST92F150/F124 with 48 (64-pin devices) or 77 (100-pin devices) I/O lines dedicated to digital In- put/Output and with 80 I/O lines by the ST92F250. These lines are grouped into up to ten 8-bit I/O Ports and can be configured on a bit basis under software control to provide timing, status signals, an address/data bus for interfacing to the external memory, timer inputs and outputs, analog inputs, external interrupts and serial or parallel I/O. Two memory spaces are available to support this wide range of configurations: a combined Program/ Data Memory Space and the internal Register File, which includes the control and status registers of the on-chip peripherals. 1.1.2 External Memory Interface 100-pin devices have a 22-bit external address bus allowing them to address up to 4M bytes of ex- ternal memory. 1.1.3 On-chip Peripherals Two 16-bit Multifunction Timers, each with an 8 bit Prescaler and 12 operating modes allow simple use for complex waveform generation and meas- urement, PWM functions and many other system timing functions by the usage of the two associat- ed DMA channels for each timer. Two Extended Function Timers provide further timing and signal generation capabilities. A Standard Timer can be used to generate a sta- ble time base independent from the PLL. An I2C interface (two in the ST92F250 device) pro- vides fast I2C and Access Bus support. The SPI is a synchronous serial interface for Mas- ter and Slave device communication. It supports single master and multimaster systems. A J1850 Byte Level Protocol Decoder is available (ST92F150JDV1 device only) for communicating with a J1850 network. The bxCAN (basic extended) interface (two in the ST92F150JDV1 device) supports 2.0B Active pro- tocol. It has 3 transmit mailboxes, 2 independent receive FIFOs and 8 filters. In addition, there is an 16 channel Analog to Digital Converter with integral sample and hold, fast con- version time and 10-bit resolution. There is one Multiprotocol Serial Communications Interface with an integral generator, asynchronous and synchronous capability (fully programmable format) and associated address/wake-up option, plus two DMA channels. On 100-pin devices, there is an additional asyn- chronous Serial Communications interface with 13-bit LIN Synch Break generation capability. Finally, a programmable PLL Clock Generator al- lows the usage of standard 3 to 5 MHz crystals to obtain a large range of internal frequencies up to 24 MHz. Low power Run (SLOW), Wait For Inter- rupt, low power Wait For Interrupt, STOP and HALT modes are also available. 9 |
同様の部品番号 - ST92F150CV1T6 |
|
同様の説明 - ST92F150CV1T6 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |