データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13211 データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MC13211
部品情報  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13211 データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MC13211 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.2
Freescale Semiconductor
5
1.4
RF Modem Features
Fully compliant 802.15.4 Standard transceiver supports 250 kbps O-QPSK data in 5.0 MHz
channels and full spread-spectrum encode and decode
Operates on one of 16 selectable channels in the 2.4 GHz ISM band
-1 dBm to 0 dBm nominal output power, programmable from -27 dBm to +3 dBm typical
Receive sensitivity of <-92 dBm (typical) at 1% PER, 20-byte packet, much better than the
802.15.4 Standard of -85 dBm
Integrated transmit/receive switch
Dual PA ouput pairs which can be programmed for full differential single-port or dual-port
operation that supports an external LNA and/or PA.
Three low power modes for increased battery life
Programmable frequency clock output for use by MCU
Onboard trim capability for 16 MHz crystal reference oscillator eliminates need for external
variable capacitors and allows for automated production frequency calibration
Four internal timer comparators available to supplement MCU timer resources
Supports both packet data mode and streaming data mode
Seven GPIO to supplement MCU GPIO
1.5
Software Features
Freescale provides a wide range of software functionality to complement the MC1321x hardware. There
are three levels of application solutions:
1. Simple proprietary wireless connectivity.
2. User networks built on the 802.15.4 MAC standard.
3. ZigBee 2006 compliant, Freescale BeeStack.
1.5.1
Simple MAC (SMAC)
Small memory footprint (about 3 Kbytes typical)
Supports point-to-point and star network configurations
Proprietary networks
Source code and application examples provided
1.5.2
802.15.4 Standard-Compliant MAC
Supports star, mesh and cluster tree topologies
Supports beaconed networks
Supports GTS for low latency
Multiple power saving modes (idle doze, hibernate)


同様の部品番号 - MC13211

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13211 NXP-MC13211 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211R2 FREESCALE-MC13211R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
More results

同様の説明 - MC13211

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com