データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33889DEG データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MCZ33889DEG
部品情報  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33889DEG データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33889DEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33889DEG Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Max
Unit
ELECTRICAL RATINGS
Supply Voltage at VSUP
Continuous voltage
Transient voltage (Load dump)
VSUP
-0.3 to 27
40
V
Logic Signals
(RX, TX, MOSI, MISO, CS, SCLK, RST, WDOG, INT)
VLOG
-0.3 to VDD1 +0.3
V
Output current VDD1
I
Internally Limited
mA
HS1
Voltage
Output Current
V
I
-0.2 to VSUP +0.3
Internally Limited
V
A
L0, L1
DC Input voltage
DC Input current
Transient input voltage (according to ISO7637 specification) and with
external component per Figure 3.
VWU
IWU
VTRWU
-0.3 to 40
-2.0 to 2.0
+-100
V
mA
V
DC voltage at V2 (V2INT)
V2INT
0 to 5.25
V
DC Voltage On Pins CANH, CANL
VBUS
-20 to +27
V
Transient Voltage At Pins CANH, CANL
0.0 < V2-INT < 5.5 V; VSUP = 0.0; T < 500 ms
VCANH/VCANL
-40 to +40
V
Transient Voltage On Pins CANH, CANL
(Coupled Through 1.0 nF Capacitor)
VTR
-150 to +100
V
DC Voltage On Pins RTH, RTL
VRTL, VRTH
-0.3 to +27V
V
Transient Voltage At Pins RTH, RTL
0.0 < V2-INT < 5.5 V; VSUP = 0.0; T < 500 ms
VRTH/VRTL
-0.3 to +40
V


同様の部品番号 - MCZ33889DEG

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33889DEG/R2 FREESCALE-MCZ33889DEG/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

同様の説明 - MCZ33889DEG

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com