データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APA3010SYC データシート(PDF) 2 Page - Kingbright Corporation

部品番号 APA3010SYC
部品情報  3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010SYC データシート(HTML) 2 Page - Kingbright Corporation

  APA3010SYC Datasheet HTML 1Page - Kingbright Corporation APA3010SYC Datasheet HTML 2Page - Kingbright Corporation APA3010SYC Datasheet HTML 3Page - Kingbright Corporation APA3010SYC Datasheet HTML 4Page - Kingbright Corporation APA3010SYC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAB1176
REV NO: V.8
DATE: JUN/29/2005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP: 1203000646
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θ 1/2
APA3010SYC
SUPER BRIGHT YELLOW (InGaAlP)
WATER CLEAR
36
120
120
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Yellow
590
nm
IF=20mA
λD
Dominant Wavelength
Super Bright Yellow
588
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Super Bright Yellow
28
nm
IF=20mA
C
Capacitance
Super Bright Yellow
25
pF
VF=0V;f=1MHz
VF
Forward Voltage
Super Bright Yellow
2.0
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Yellow
10
uA
VR = 5V
Parameter
Super Bright Yellow
Units
Power dissipation
125
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


同様の部品番号 - APA3010SYC

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
APA3010SYCK KINGBRIGHT-APA3010SYCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK-GX KINGBRIGHT-APA3010SYCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010SYCK-GX TO-GRACE-APA3010SYCK-GX Datasheet
816Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

同様の説明 - APA3010SYC

メーカー部品番号データシート部品情報
logo
SunLED Corporation
ZM2CY56W SUNLED-ZM2CY56W Datasheet
186Kb / 4P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC KINGBRIGHT-APA3010PBC Datasheet
280Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC KINGBRIGHT-APA3010MGC Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SRCPRV KINGBRIGHT-APA3010SRCPRV Datasheet
275Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QWF-F-GX TO-GRACE-APA3010QWF-F-GX Datasheet
1Mb / 6P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC-A KINGBRIGHT-APA3010PBC-A Datasheet
290Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF_0706 KINGBRIGHT-APA3010RWF_0706 Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK KINGBRIGHT-APA3010SYCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010QBC KINGBRIGHT-APA3010QBC Datasheet
281Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC-GX KINGBRIGHT-APA3010MGC-GX Datasheet
250Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com