データシートサーチシステム |
|
MC7448THX1267NC データシート(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC7448THX1267NC データシート(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 8 page MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2 Freescale Semiconductor 3 General Parameters Table 7 provides the power consumption for the MPC7448 part numbers described by this document; see Section 11.1, “Part Numbers Addressed by This Specification,” for more information. The MPC7448 RISC Microprocessor Hardware Specifications presents guidelines on the use of these parameters for system design. For information on power consumption when dynamic frequency switching is enabled, see Section 9.8.5, “Dynamic Frequency Switching (DFS),” in the hardware specifications. The power consumptions provided in Table 7 represent the power consumption of each speed grade when operated at the rated maximum core frequency (see Table 8). Freescale sorts devices by power as well as by core frequency, and power limits for each speed grade are independent of each other. Each device is tested at its maximum core frequency only. (Note that Deep Sleep Mode power consumption is independent of clock frequency.) Operating a device at a frequency lower than its rated maximum is fully supported provided the clock frequencies are within the specifications given in Table 8, and a device operated below its rated maximum will have lower power consumption. However, inferences should not be made about a device’s power consumption based on the power specifications of another (lower) speed grade. For example, a 1400 MHz device operated at 1267 MHz will not exhibit the same power consumption as a 1267 MHz device operated at 1267 MHz. NOTE The power consumption information in this table applies when the device operates at the nominal core voltage indicated in Table 4. For power consumption at derated core voltage conditions, see Section 5.3, “Voltage and Frequency Derating.” Table 4. Recommended Operating Conditions1 Characteristic Symbol Recommended Value Unit Notes 1000N MHz 1267N MHz3 Revision Level C 1267N MHz3 Revision Level D 1400N MHz3 1700L MHz Core supply voltage VDD 1.0 V ± 50 mV 1.1 V ± 50 mV 1.05 V ± 50 mV 1.15 V ± 50 mV 1.3 V +20/-50 mV V PLL supply voltage AVDD 1.0 V ± 50 mV 1.1 V ± 50 mV 1.05 V ± 50 mV 1.15 V ± 50 mV 1.3 V +20/-50 mV V2 Die-junction temperature Tj –40to105 –40to105 –40to105 –40to105 –40to105 •C C Notes: 1. These are the recommended and tested operating conditions. Some speed grades in addition support voltage derating; see Section 5.3, “Voltage and Frequency Derating.” Proper device operation outside of these conditions and those specified in Section 5.3, “Voltage and Frequency Derating,” is not guaranteed. 2. This voltage is the input to the filter discussed in Section 9.2.2, “PLL Power Supply Filtering,” in the hardware specifications and not necessarily the voltage at the AVDD pin, which may be reduced from VDD by the filter. 3. VDD and AVDD may be reduced in order to reduce power consumption if further maximum core frequency constraints are observed. See Section 5.3, “Voltage and Frequency Derating,” for specific information. |
同様の部品番号 - MC7448THX1267NC |
|
同様の説明 - MC7448THX1267NC |