データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1185 データシート(PDF) 3 Page - Analog Devices

部品番号 ADM1185
部品情報  Quad Voltage Monitor and Sequencer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1185 データシート(HTML) 3 Page - Analog Devices

  ADM1185_07 Datasheet HTML 1Page - Analog Devices ADM1185_07 Datasheet HTML 2Page - Analog Devices ADM1185_07 Datasheet HTML 3Page - Analog Devices ADM1185_07 Datasheet HTML 4Page - Analog Devices ADM1185_07 Datasheet HTML 5Page - Analog Devices ADM1185_07 Datasheet HTML 6Page - Analog Devices ADM1185_07 Datasheet HTML 7Page - Analog Devices ADM1185_07 Datasheet HTML 8Page - Analog Devices ADM1185_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM1185
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 2.7 V to 5.5 V, TA = −40°C to +85°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
VCC Pin
Operating Voltage Range, VCC
2.7
3.3
5.5
V
Supply Current, IVCC
24
80
μA
VIN1 to VIN4 (VINx) Pins
Input Current, IVINLEAK
−20
+20
nA
VVINx = 0.7 V
Input Rising Threshold, VTHR
0.5952
0.6000
0.6048
V
OUT1 to OUT3 (OUTx), PWRGD Pins
Output Low Voltage, VOUTL
0.4
V
VCC = 2.7 V, ISINK = 2 mA
0.4
V
VCC = 1 V, ISINK =100 μA
Leakage Current, IALERT
−1
+1
μA
VCC that Guarantees Valid Outputs
1
V
All outputs are guaranteed to be either low or giving
a valid output level from VCC = 1 V
TIMING DELAYS
Delays only applicable to certain operations states;
refer to state diagram (Figure 19) for more details
VIN1 to OUT1 Rising Delay
100
190
280
ms
VCC = 3.3 V, see Figure 7
VIN4 to PWRGD Rising Delay
100
190
280
ms
VCC = 3.3 V, see Figure 7
VIN2 to OUT2, VIN3 to OUT3
Low-to-High Propagation Delay
30
μs
VCC = 3.3 V, see Figure 9
High-to-Low Propagation Delay, All Inputs
30
μs
VCC = 3.3 V, see Figure 10


同様の部品番号 - ADM1185_07

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1185ARMZ AD-ADM1185ARMZ Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results

同様の説明 - ADM1185_07

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com