データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR1581ARTZ-REEL データシート(PDF) 5 Page - Analog Devices

部品番号 ADR1581ARTZ-REEL
部品情報  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR1581ARTZ-REEL データシート(HTML) 5 Page - Analog Devices

  ADR1581ARTZ-REEL Datasheet HTML 1Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 2Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 3Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 4Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 5Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 6Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 7Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 8Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADR1581
Rev. 0 | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
2000
1500
1000
500
0
–500
–1000
–1500
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
20ppm/°C
5ppm/°C
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
REVERSE VOLTAGE (V)
+125°C
+25°C
–40°C
Figure 7. Reverse Current vs. Reverse Voltage
Figure 4. Output Drift for Different Temperature Characteristics
7
6
5
4
3
2
1
0
–1
0.01
0.10
1.00
10
REVERSE CURRENT (mA)
+85°C
+25°C
–40°C
1
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
FORWARD CURRENT (mA)
+85°C
+25°C
–40°C
Figure 8. Forward Voltage vs. Forward Current
Figure 5. Output Voltage Error vs. Reverse Current
FREQUENCY (Hz)
600
200
400
1.0
10
100
1k
10k
100k
1M
Figure 6. Noise Spectral Density


同様の部品番号 - ADR1581ARTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR1581ARTZ-REEL71 AD-ADR1581ARTZ-REEL71 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

同様の説明 - ADR1581ARTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com