データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXRS612 データシート(PDF) 10 Page - Analog Devices

部品番号 ADXRS612
部品情報  짹250째/sec Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXRS612 データシート(HTML) 10 Page - Analog Devices

Back Button ADXRS612 Datasheet HTML 4Page - Analog Devices ADXRS612 Datasheet HTML 5Page - Analog Devices ADXRS612 Datasheet HTML 6Page - Analog Devices ADXRS612 Datasheet HTML 7Page - Analog Devices ADXRS612 Datasheet HTML 8Page - Analog Devices ADXRS612 Datasheet HTML 9Page - Analog Devices ADXRS612 Datasheet HTML 10Page - Analog Devices ADXRS612 Datasheet HTML 11Page - Analog Devices ADXRS612 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXRS612
Rev. 0 | Page 10 of 12
ADXRS612 AND SUPPLY RATIOMETRICITY
The ADXRS612 RATEOUT and TEMP signals are ratiometric
to the VRATIO voltage; that is, the null voltage, rate sensitivity, and
temperature outputs are proportional to VRATIO. So the ADXRS612
is most easily used with a supply-ratiometric analog-to-digital
converter, which results in self-cancellation of errors due to minor
supply variations. There is some small error due to nonratiometric
behavior. Typical ratiometricity error for null, sensitivity, self-test,
and temperature output is outlined in Table 4.
Note that VRATIO must never be greater than AVCC.
Table 4. Ratiometricity Error for Various Parameters
Parameter
VS = VRATIO = 4.75 V
VS = VRATIO = 5.25 V
ST1
Mean
−0.4%
−0.3%
Sigma
0.6%
0.6%
ST2
Mean
−0.4%
−0.3%
Sigma
0.6%
0.6%
Null
Mean
−0.04%
−0.02%
Sigma
0.3%
0.2%
Sensitivity
Mean
0.03%
0.1%
Sigma
0.1%
0.1%
VTEMP
Mean
−0.3%
−0.5%
Sigma
0.1%
0.1%
NULL ADJUSTMENT
The nominal 2.5 V null is for a symmetrical swing range at
RATEOUT (1B, 2A). However, a nonsymmetric output swing
may be suitable in some applications. Null adjustment is possible
by injecting a suitable current to SUMJ (1C, 2C). Note that supply
disturbances may reflect some null instability. Digital supply noise
should be avoided, particularly in this case.
SELF-TEST FUNCTION
The ADXRS612 includes a self-test feature that actuates each of
the sensing structures and associated electronics in the same
manner, as if subjected to angular rate. It is activated by standard
Logic High levels applied to Input ST1 (5F, 5G), Input ST2
(4F, 4G), or both. ST1 causes the voltage at RATEOUT to change
about −0.5 V, and ST2 causes an opposite change of +0.5 V. The
self-test response follows the viscosity temperature dependence
of the package atmosphere, approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
ST1 and ST2 are fairly closely matched (±5%), but actuating
both simultaneously may result in a small apparent null bias
shift proportional to the degree of self-test mismatch.
ST1 and ST2 are activated by applying a voltage equal to VRATIO
to the ST1 pin and the ST2 pin. The voltage applied to ST1 and
ST2 must never be greater than AVCC.
CONTINUOUS SELF-TEST
The on-chip integration of the ADXRS612 gives it higher reliability
than is obtainable with any other high volume manufacturing
method. Also, it is manufactured under a mature BIMOS process
that has field-proven reliability. As an additional failure detection
measure, power-on self-test can be performed. However, some
applications may warrant continuous self-test while sensing rate.
Details outlining continuous self-test techniques are also
available in a separate application note.


同様の部品番号 - ADXRS612

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
More results

同様の説明 - ADXRS612

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
   -300째/sec Yaw Rate Gyro with SPI Interface
REV. A
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com