データシートサーチシステム |
|
TLV2461CD データシート(PDF) 7 Page - Texas Instruments |
|
|
TLV2461CD データシート(HTML) 7 Page - Texas Instruments |
7 / 58 page TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS220J − JULY 1998 − REVISED FEBRUARY 2004 7 WWW.TI.COM recommended operating conditions MIN MAX UNIT Supply voltage, VDD Single supply 2.7 6 V Supply voltage, VDD Split supply ±1.35 ±3 V Common-mode input voltage range, VICR 0 VDD V C-suffix 0 70 Operating free-air temperature, TA I-suffix and Q-suffix −40 125 °C Operating free-air temperature, TA M-suffix −55 125 C Shutdown on/off voltage level‡ VIH 2 V Shutdown on/off voltage level‡ VIL 0.7 V ‡ Relative to voltage on the GND terminal of the device. electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT V = 3 V, 25 °C 500 2000 VIO Input offset voltage VDD = 3 V, VIC = 1.5 V, Full range 2200 V VIO Input offset voltage DD VIC = 1.5 V, VO = 1.5 V, TLV246xA 25 °C 500 1500 µV VO = 1.5 V, RS = 50 Ω TLV246xA Full range 1700 αVIO Temperature coefficient of input offset voltage RS = 50 Ω 2 µV/°C 25 °C 2.8 7 IIO Input offset current VDD = 3 V, TLV246xC Full range 20 nA IIO Input offset current VDD = 3 V, VIC = 1.5 V, TLV246xI/Q/M Full range 75 nA VIC = 1.5 V, VO = 1.5 V, R = 50 25 °C 4.4 14 IIB Input bias current VO = 1.5 V, RS = 50 Ω TLV246xC Full range 25 nA IIB Input bias current TLV246xI/Q/M Full range 75 nA IOH = − 2.5 mA 25 °C 2.9 VOH High-level output voltage IOH = − 2.5 mA Full range 2.8 V VOH High-level output voltage IOH = − 10 mA 25 °C 2.7 V IOH = − 10 mA Full range 2.5 VIC = 1.5 V, IOL = 2.5 mA 25 °C 0.1 VOL Low-level output voltage VIC = 1.5 V, IOL = 2.5 mA Full range 0.2 V VOL Low-level output voltage VIC = 1.5 V, IOL = 10 mA 25 °C 0.3 V VIC = 1.5 V, IOL = 10 mA Full range 0.5 Sourcing 25 °C 50 IOS Short-circuit output current Sourcing Full range 20 mA IOS Short-circuit output current Sinking 25 °C 40 mA Sinking Full range 20 IO Output current Measured 1 V from rail 25 °C ±40 mA AVD Large-signal differential voltage RL = 10 kΩ VO(PP) = 1 V 25 °C 90 105 dB AVD Large-signal differential voltage amplification RL = 10 kΩ, VO(PP) = 1 V Full range 89 dB ri(d) Differential input resistance 25 °C 109 Ω † Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix. |
同様の部品番号 - TLV2461CD |
|
同様の説明 - TLV2461CD |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |