データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2471AIPE4 データシート(PDF) 11 Page - Texas Instruments

部品番号 TLV2471AIPE4
部品情報  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV2471AIPE4 データシート(HTML) 11 Page - Texas Instruments

Back Button TLV2471AIPE4 Datasheet HTML 7Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 8Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 9Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 10Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 11Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 12Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 13Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 14Page - Texas Instruments TLV2471AIPE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
www.ti.com
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD − Supply Voltage − V
AV = 1
SHDN = VDD
Per Channel
TA = +125°C
TA = +85°C
TA = +25°C
TA = −40°C
30
40
50
60
70
80
90
100
f − Frequency − Hz
10
100
1k
10k
100k
1M
10M
VDD = 3V, 5V
RF = 5kΩ
RI = 50Ω
TA = +25°C
PSRR+
PSRR−
50
60
70
80
90
100
110
120
130
f − Frequency − Hz
100
1k
10k
100k
1M
10M
VDD = 5V
VIC = 2.5V
VDD = 3V
VIC = 1.5V
0
10
20
30
40
50
60
70
80
f − Frequency − Hz
1k
10k
100k
10
100
VDD = 3V, 5V
AV = 10
VIN = VDD/2
TA = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f − Frequency − Hz
1M
10k
100k
VO(PP) = 5V
VO(PP) = 3V
THD+N
≤ 2.0%
RL = 10kΩ
TA = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f − Frequency − Hz
1M
10k
100k
VO(PP) = 3V
VO(PP) = 5V
THD+N
≤ 2.0%
RL = 600Ω
TA = +25°C
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD = ±3
RL = 600Ω
CL = 0
TA = +25°C
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD = ±5
RL = 600Ω
CL = 0
TA = +25°C
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
POWER-SUPPLY REJECTION
SUPPLY CURRENT
RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
SUPPLY VOLTAGE
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
MAXIMUM PEAK-TO-PEAK
MAXIMUM PEAK-TO-PEAK
EQUIVALENT NOISE VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
DIFFERENTIAL VOLTAGE GAIN
DIFFERENTIAL VOLTAGE GAIN
AND PHASE
AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
11
Submit Documentation Feedback


同様の部品番号 - TLV2471AIPE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2471AIPE4 TI-TLV2471AIPE4 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471AIPE4 TI-TLV2471AIPE4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

同様の説明 - TLV2471AIPE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com