データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2473CDG4 データシート(PDF) 4 Page - Texas Instruments

部品番号 TLV2473CDG4
部品情報  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV2473CDG4 データシート(HTML) 4 Page - Texas Instruments

  TLV2473CDG4 Datasheet HTML 1Page - Texas Instruments TLV2473CDG4 Datasheet HTML 2Page - Texas Instruments TLV2473CDG4 Datasheet HTML 3Page - Texas Instruments TLV2473CDG4 Datasheet HTML 4Page - Texas Instruments TLV2473CDG4 Datasheet HTML 5Page - Texas Instruments TLV2473CDG4 Datasheet HTML 6Page - Texas Instruments TLV2473CDG4 Datasheet HTML 7Page - Texas Instruments TLV2473CDG4 Datasheet HTML 8Page - Texas Instruments TLV2473CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
Three members of the family (TLV2470/3/5) offer a shutdown terminal for conserving battery life in portable
applications. During shutdown, the outputs are placed in a high-impedance state and the amplifier consumes
only 350nA/channel. The family is fully specified at 3V and 5V across an expanded industrial temperature range
(–40
°C to +125°C). The singles and duals are available in the SOT23 and MSOP packages, while the quads are
available in TSSOP. The TLV2470 offers an amplifier with shutdown functionality all in a SOT23-6 package,
making it perfect for high-density power-sensitive circuits.
over operating free-air temperature range (unless otherwise noted)
UNIT
Supply voltage, VDD(2)
7 V
Differential input voltage, VID
±V
DD
Continuous total power dissipation
See Dissipation Rating table
Operating free-air temperature range, TA
C suffix
0
°C to +70°C
I suffix
–40
°C to +125°C
Maximum junction temperature, TJ
+150
°C
Storage temperature range, Tstg
–65
°C to +150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated underrecommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
θ
JC
θ
JA
TA ≤ +25°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
D (8)
38.3
176
710mW
D (14)
26.9
122.3
1022mW
D (16)
25.7
114.7
1090mW
DBV (5)
55
324.1
385mW
DBV (6)
55
294.3
425mW
DGN (8)
4.7
52.7
2.37W
DGQ (10)
4.7
52.3
2.39W
N (14, 16)
32
78
1600mW
P (8)
41
104
1200mW
PWP (14)
2.07
30.7
4.07W
PWP (16)
2.07
29.7
4.21W
MIN
MAX
UNIT
Single supply
2.7
6
Supply voltage, VDD
V
Split supply
±1.35
±3
Common-mode input voltage range, VICR
0
VDD
V
C-suffix
0
+70
Operating free-air temperature, TA
°C
I-suffix
–40
+125
VIH
2
Shutdown on/off voltage level(1)
V
VIL
0.8
(1)
Relative to GND
4
Submit Documentation Feedback


同様の部品番号 - TLV2473CDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2473CDG4 TI-TLV2473CDG4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

同様の説明 - TLV2473CDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com