データシートサーチシステム |
|
TLV2463IDGSR データシート(PDF) 8 Page - Texas Instruments |
|
|
TLV2463IDGSR データシート(HTML) 8 Page - Texas Instruments |
8 / 58 page TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS220J − JULY 1998 − REVISED FEBRUARY 2004 8 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT ci(c) Common-mode input capacitance f = 10 kHz 25 °C 7 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 33 Ω VICR = 0 to 3 V, 25 °C 66 80 CMRR Common-mode rejection ratio VICR = 0 to 3 V, RS = 50 Ω TLV246xC Full range 64 dB CMRR Common-mode rejection ratio RS = 50 Ω TLV246xI/Q/M Full range 60 dB VDD = 2.7 V to 6 V, VIC = VDD /2, 25 °C 80 85 kSVR Supply voltage rejection ratio VDD = 2.7 V to 6 V, No load VIC = VDD /2, Full range 75 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 3 V to 5 V, VIC = VDD /2, 25 °C 85 95 dB ( VDD / VIO) VDD = 3 V to 5 V, No load VIC = VDD /2, Full range 80 IDD Supply current (per channels) VO = 1.5 V, No load 25 °C 0.5 0.575 mA IDD Supply current (per channels) VO = 1.5 V, No load Full range 0.9 mA IDD(SHDN) Supply current in shutdown SHDN < 0.7 V, 25 °C 0.3 A IDD(SHDN) Supply current in shutdown (TLV2460, TLV2463, TLV2465) SHDN < 0.7 V, Per channel in shutdown Full range 2.5 µA † Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix. operating characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VO(PP) = 0.8 V, CL = 160 pF, 25 °C 0.9 1.6 SR Slew rate at unity gain VO(PP) = 0.8 V, RL = 10 kΩ CL = 160 pF, Full range 0.8 V/ µs Vn Equivalent input noise voltage f = 100 Hz 25 °C 16 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 11 nV/ √Hz In Equivalent input noise current f = 1 kHz 25 °C 0.13 pA / √Hz Total harmonic distortion plus VO(PP) = 2 V, AV = 1 0.006% THD + N Total harmonic distortion plus noise VO(PP) = 2 V, RL = 10 kΩ, f = 1 kHz AV = 10 25 °C 0.02% THD + N noise RL = 10 kΩ, f = 1 kHz AV = 100 25 C 0.08% Both channels 7.6 t(on) Amplifier turnon time AV = 1, RL = 10 kΩ Channel 1 only, Channel 2 on 25 °C 7.65 µs Both channels 333 t(off) Amplifier turnoff time AV = 1, RL = 10 kΩ Channel 1 only, Channel 2 on 25 °C 328 ns t(off) Amplifier turnoff time AV = 1, RL = 10 kΩ Channel 2 only, Channel 1 on 25 C 329 ns Gain-bandwidth product f = 10 kHz, CL = 160 pF RL = 10 kΩ, 25 °C 5.2 MHz V(STEP)PP = 2 V, AV = −1, CL = 10 pF, 0.1% 1.47 ts Settling time (STEP)PP AV = −1, CL = 10 pF, RL = 10 kΩ 0.01% 25 °C 1.78 s ts Settling time V(STEP)PP = 2 V, AV = −1, CL = 56 pF, 0.1% 25 °C 1.77 µs (STEP)PP AV = −1, CL = 56 pF, RL = 10 kΩ 0.01% 1.98 φm Phase margin at unity gain RL = 10 kΩ, CL = 160 pF 25 °C 44 ° Gain margin RL = 10 kΩ, CL = 160 pF 25 °C 7 dB † Full range is 0°C to 70°C for the C suffix, −40°C to 125°C for the I and Q suffixes, and −55°C to 125°C for the M suffix. |
同様の部品番号 - TLV2463IDGSR |
|
同様の説明 - TLV2463IDGSR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |