データシートサーチシステム |
|
TLV2464AINE4 データシート(PDF) 3 Page - Texas Instruments |
|
TLV2464AINE4 データシート(HTML) 3 Page - Texas Instruments |
3 / 58 page TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS220J − JULY 1998 − REVISED FEBRUARY 2004 3 WWW.TI.COM TLV2462M/AM/Q/AQ and TLV2463M/AM/Q/AQ AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) SMALL OUTLINE† (PW) CERAMIC DIP (JG) CERAMIC DIP (J) CERAMIC FLATPACK (U) CHIP CAR- RIER (FK) −40 °C to 125°C 2000 µV TLV2462QD TLV2463QD TLV2462QPW TLV2463QPW — — — — — — — — −40 °C to 125°C 1500 µV TLV2462AQD TLV2463AQD TLV2462AQPW TLV2463AQPW — — — — — — — — −55 °C to 125°C 2000 µV — — — — TLV2462MJG — — TLV2463MJ TLV2462MU TLV2462MFK TLV2463MFK −55 °C to 125°C 1500 µV — — — — TLV2462AMJG — — TLV2463AMJ TLV2462AMU TLV2462AMFK TLV2463AMFK † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2462QDR). TLV2464C/I/AI and TLV2465C/I/AI AVAILABLE OPTIONS VIOmax PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE (D) PLASTIC DIP (N) TSSOP (PW) 0 °C to 70°C 2000 µV TLV2464CD TLV2465CD TLV2464CN TLV2465CN TLV2464CPW TLV2465CPW −40 °C to 125°C 2000 µV TLV2464ID TLV2465ID TLV2464IN TLV2465IN TLV2464IPW TLV2465IPW −40 °C to 125°C 1500 µV TLV2464AID TLV2465AID TLV2464AIN TLV2465AIN TLV2464AIPW TLV2465AIPW † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number(e.g., TLV2464CDR). ‡ Chip forms are tested at TA = 25°C only. TLV2464M/AM/Q/AQ and TLV2465M/AM/Q/AQ AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) SMALL OUTLINE† (PW) CERAMIC DIP (J) CHIP CARRIER (FK) -40 °C to 125°C 2000 µV TLV2464QD TLV2465QD TLV2464QPW TLV2465QPW — — — — -40 °C to 125°C 1500 µV TLV2464AQD TLV2465AQD TLV2464AQPW TLV2465AQPW — — — — −55 °C to 125°C 2000 µV — — — — TLV2464MJ TLV2465MJ TLV2464MFK TLV2465MFK −55 °C to 125°C 1500 µV — — — — TLV2464AMJ TLV2465AMJ TLV2464AMFK TLV2465AMFK † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2464QDR). |
同様の部品番号 - TLV2464AINE4 |
|
同様の説明 - TLV2464AINE4 |