データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC393DE4 データシート(PDF) 6 Page - Texas Instruments

部品番号 SN74HC393DE4
部品情報  DUAL 4-BIT BINARY COUNTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC393DE4 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74HC393DE4 Datasheet HTML 2Page - Texas Instruments SN74HC393DE4 Datasheet HTML 3Page - Texas Instruments SN74HC393DE4 Datasheet HTML 4Page - Texas Instruments SN74HC393DE4 Datasheet HTML 5Page - Texas Instruments SN74HC393DE4 Datasheet HTML 6Page - Texas Instruments SN74HC393DE4 Datasheet HTML 7Page - Texas Instruments SN74HC393DE4 Datasheet HTML 8Page - Texas Instruments SN74HC393DE4 Datasheet HTML 9Page - Texas Instruments SN74HC393DE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN54HC393, SN74HC393
DUAL 4-BIT BINARY COUNTERS
SCLS143D – DECEMBER 1982 – REVISED JULY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATIONS
th
tsu
50%
50%
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
50%
High-Level
Pulse
50%
VCC
0 V
50%
50%
VCC
0 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. For clock inputs, fmax is measured when the input duty cycle is 50%.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLH and tPHL are the same as tpd.
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74HC393DE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC393DE4 TI-SN74HC393DE4 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
More results

同様の説明 - SN74HC393DE4

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com