データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBTLV3384 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBTLV3384
部品情報  LOW-VOLTAGE 10-BIT FET BUS SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3384 データシート(HTML) 8 Page - Texas Instruments

  SN74CBTLV3384 Datasheet HTML 1Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 2Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 3Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 4Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 5Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 6Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 7Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 8Page - Texas Instruments SN74CBTLV3384 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - SN74CBTLV3384

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384DBQ TI-SN74CBTLV3384DBQ Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384DGV TI-SN74CBTLV3384DGV Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384DW TI-SN74CBTLV3384DW Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384PW TI-SN74CBTLV3384PW Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results

同様の説明 - SN74CBTLV3384

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A Datasheet
65Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com