データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74F125NSR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74F125NSR
部品情報  QUADRUPLE BUS BUFFER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74F125NSR データシート(HTML) 3 Page - Texas Instruments

  SN74F125NSR Datasheet HTML 1Page - Texas Instruments SN74F125NSR Datasheet HTML 2Page - Texas Instruments SN74F125NSR Datasheet HTML 3Page - Texas Instruments SN74F125NSR Datasheet HTML 4Page - Texas Instruments SN74F125NSR Datasheet HTML 5Page - Texas Instruments SN74F125NSR Datasheet HTML 6Page - Texas Instruments SN74F125NSR Datasheet HTML 7Page - Texas Instruments SN74F125NSR Datasheet HTML 8Page - Texas Instruments SN74F125NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74F125
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SDFS016B – JANUARY 1989 – REVISED JULY 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VCC =4 5V
IOH = – 3 mA
2.4
3.3
VOH
VCC = 4.5 V
IOH = – 15 mA
2
3.1
V
VCC = 4.75 V,
IOH = – 3 mA
2.7
VOL
VCC = 4.5 V,
IOL = 64 mA
0.4
0.55
V
II
VCC = 0,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 20
µA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
– 50
µA
IOS‡
VCC = 5.5 V,
VO = 0
– 100
– 225
mA
ICCH
VCC = 5.5 V,
Outputs open
17
24
mA
ICCL
VCC = 5.5 V,
Outputs open
28
40
mA
ICCZ
VCC = 5.5 V,
Outputs open
25
35
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
A
Y
1.2
3.6
6
1.2
6.5
ns
tPHL
A
Y
2.2
5.1
7.5
2.2
8
ns
tPZH
OE
Y
2.7
5.1
7.5
2.7
8.5
ns
tPZL
OE
Y
3.2
5.6
8
3.2
9
ns
tPHZ
OE
Y
1
3.1
5
1
6
ns
tPLZ
OE
Y
1
3.1
5.5
1
6
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


同様の部品番号 - SN74F125NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F125N TI-SN74F125N Datasheet
67Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74F125NSR

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
   QUADRUPLE BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_15 Datasheet
231Kb / 5P
   QUADRUPLE BUS BUFFER GATE
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125Q TI-SN74AHC125Q Datasheet
209Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com