データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC533EE4 データシート(PDF) 7 Page - Texas Instruments

部品番号 CD74HC533EE4
部品情報  High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HC533EE4 データシート(HTML) 7 Page - Texas Instruments

Back Button CD74HC533EE4 Datasheet HTML 3Page - Texas Instruments CD74HC533EE4 Datasheet HTML 4Page - Texas Instruments CD74HC533EE4 Datasheet HTML 5Page - Texas Instruments CD74HC533EE4 Datasheet HTML 6Page - Texas Instruments CD74HC533EE4 Datasheet HTML 7Page - Texas Instruments CD74HC533EE4 Datasheet HTML 8Page - Texas Instruments CD74HC533EE4 Datasheet HTML 9Page - Texas Instruments CD74HC533EE4 Datasheet HTML 10Page - Texas Instruments CD74HC533EE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 5. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 6. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54/74HC533, CD54/74HCT533, CD54/74HC563, CD74HCT563


同様の部品番号 - CD74HC533EE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC533EE4 TI-CD74HC533EE4 Datasheet
282Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD74HC533EE4 TI-CD74HC533EE4 Datasheet
288Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
More results

同様の説明 - CD74HC533EE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC533 TI-CD74HC533 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533_08 Datasheet
288Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533 Datasheet
282Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Harris Corporation
CD74HC373 HARRIS-CD74HC373 Datasheet
50Kb / 8P
   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Texas Instruments
CD74HC373 TI-CD74HC373 Datasheet
53Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Intersil Corporation
CD54AC573 INTERSIL-CD54AC573 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
CD54AC373 INTERSIL-CD54AC373 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
logo
Integral Corp.
IN74AC533 INTEGRAL-IN74AC533 Datasheet
213Kb / 5P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT533 IKSEMICON-IN74ACT533 Datasheet
296Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC533 KODENSHI-KK74AC533 Datasheet
338Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com