データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27C512-90C1 データシート(PDF) 10 Page - STMicroelectronics

部品番号 M27C512-90C1
部品情報  512 Kbit (64K x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-90C1 データシート(HTML) 10 Page - STMicroelectronics

Back Button M27C512-90C1 Datasheet HTML 6Page - STMicroelectronics M27C512-90C1 Datasheet HTML 7Page - STMicroelectronics M27C512-90C1 Datasheet HTML 8Page - STMicroelectronics M27C512-90C1 Datasheet HTML 9Page - STMicroelectronics M27C512-90C1 Datasheet HTML 10Page - STMicroelectronics M27C512-90C1 Datasheet HTML 11Page - STMicroelectronics M27C512-90C1 Datasheet HTML 12Page - STMicroelectronics M27C512-90C1 Datasheet HTML 13Page - STMicroelectronics M27C512-90C1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Maximum rating
M27C512
10/22
4
Maximum rating
Stressing the device outside the ratings listed in <Blue>Table 5. may cause permanent
damage to the device. These are stress ratings only, and operation of the device at these, or
any other conditions outside those indicated in the Operating sections of this specification, is
not implied. Exposure to Absolute Maximum Rating conditions for extended periods may
affect device reliability. Refer also to the STMicroelectronics SURE Program and other
relevant quality documents.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature(1)
1.
Depends on range.
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature during Soldering
(note 1)
°C
VIO
(2)
2.
Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than
20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less
than 20ns.
Input or Output Voltage (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V


同様の部品番号 - M27C512-90C1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C512-90C1 STMICROELECTRONICS-M27C512-90C1 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90C1 STMICROELECTRONICS-M27C512-90C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-90C1E STMICROELECTRONICS-M27C512-90C1E Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90C1F STMICROELECTRONICS-M27C512-90C1F Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90C1TR STMICROELECTRONICS-M27C512-90C1TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

同様の説明 - M27C512-90C1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
   UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com