データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

121MPE912 データシート(PDF) 3 Page - RUBYCON CORPORATION

部品番号 121MPE912
部品情報  METALLIZED POLYPROPYLENE FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RUBYCON [RUBYCON CORPORATION]
ホームページ  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

121MPE912 データシート(HTML) 3 Page - RUBYCON CORPORATION

  121MPE912 Datasheet HTML 1Page - RUBYCON CORPORATION 121MPE912 Datasheet HTML 2Page - RUBYCON CORPORATION 121MPE912 Datasheet HTML 3Page - RUBYCON CORPORATION 121MPE912 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATED VOLTAGE : 1250VDC/400VAC
DIMENSIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
121MPE102
**
121MPE112
**
121MPE122
**
121MPE132
**
121MPE152
**
121MPE162
**
121MPE182
**
121MPE202
**
121MPE222
**
121MPE242
**
121MPE272
**
121MPE302
**
121MPE332
**
121MPE362
**
121MPE392
**
121MPE432
**
121MPE472
**
121MPE512
**
121MPE562
**
121MPE622
**
121MPE682
**
121MPE752
**
121MPE822
**
121MPE912
**
121MPE103
**
121MPE113
**
121MPE123
**
121MPE133
**
121MPE153
**
121MPE163
**
121MPE183
**
121MPE203
**
121MPE223
**
121MPE243
**
121MPE273
**
121MPE303
**
121MPE333
**
121MPE363
**
121MPE393
**
121MPE433
**
121MPE473
**
121MPE513
**
121MPE563
**
121MPE623
**
121MPE683
**
121MPE753
**
121MPE823
**
121MPE913
**
121MPE104
**
AB
C
F
0.5 LS 0.5
d
Bag
Carton
A
B, D
C
E
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
5.5
5.5
5.5
5.5
5.5
5.5
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.5
9.0
9.0
6.5
7.0
7.0
7.5
7.5
8.0
7.5
8.0
8.5
9.0
9.0
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
14.0
14.5
15.5
16.0
8.0
8.0
8.0
9.0
9.0
9.0
10.5
10.5
9.5
9.5
11.0
11.0
11.5
11.5
11.5
12.0
12.0
12.5
12.5
13.0
13.0
13.5
13.5
14.0
14.5
12.0
12.5
12.5
13.0
13.0
13.5
15.0
15.0
15.5
16.0
17.5
18.0
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.5
23.0
24.0
25.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
200
200
200
200
200
200
100
100
200
200
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
100
100
100
100
100
100
100
100
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
4,000
4,000
4,000
4,000
4,000
4,000
3,000
3,000
4,000
4,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
800
800
800
800
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
500
500
500
400
400
400
400
400
400
400
400
400
300
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
300
300
300
300
400
400
400
400
400
300
400
300
300
300
300
300
300
-
-
-
-
-
-
-
-
-
-
-
0.001
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.002
0.0022
0.0024
0.0027
0.003
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
0.0056
0.0062
0.0068
0.0075
0.0082
0.0091
0.01
0.011
0.012
0.013
0.015
0.016
0.018
0.02
0.022
0.024
0.027
0.03
0.033
0.036
0.039
0.043
0.047
0.051
0.056
0.062
0.068
0.075
0.082
0.091
0.1
Long Lead type
Taping Ammo pack type - style
: Tolerance (H:
3%, J:
5%)
** : Suffix
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPE
PERMISSIBLE CURRENT FOR FREQUENCY
cap(
µF)
+
-
+
-
+
-
+
-
TC
TX, TH TL, TJ
TN
TS
Frequency (kHz)
121MPE
0
1
2
3
4
5
10
100
1000
104
473
223
103
472
222
102


同様の部品番号 - 121MPE912

メーカー部品番号データシート部品情報
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
121MPE273J RUBYCON-121MPE273J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

同様の説明 - 121MPE912

メーカー部品番号データシート部品情報
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com