データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NDL7912P データシート(PDF) 4 Page - NEC

部品番号 NDL7912P
部品情報  1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

NDL7912P データシート(HTML) 4 Page - NEC

  NDL7912P Datasheet HTML 1Page - NEC NDL7912P Datasheet HTML 2Page - NEC NDL7912P Datasheet HTML 3Page - NEC NDL7912P Datasheet HTML 4Page - NEC NDL7912P Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TLD = +25°C)
FREQUENCY RESPONSE (S21)
Frequency, f (GHz)
0
0.05
5.05
2.55
EXTINCTION RATIO vs.
MODULATION VOLTAGE (CW)
0
0.05
5.05
2.55
NDL7912P
SPECTRAL LINE WIDTH
Wavelength (1 GHz/div.)
2.5 Gb/s
PRBS 2
23-1
Frequency, f (GHz)
ERROR RATE CHARACTERISTICS
back to back
after 360 km
after 600 km
10
-3
10
-6
10
-7
10
-8
10
-9
10
-10
10
-11
10
-12
10
-5
10
-4
-42
-32
-40
-38
-36
-34
VRmpp = 2.2 V,
VRmc = 0.8 V
ERROR RATE CHARACTERISTICS
Average Received Power, P (dBm)


同様の部品番号 - NDL7912P

メーカー部品番号データシート部品情報
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7910P NEC-NDL7910P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7910P NEC-NDL7910P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
NDL7910P NEC-NDL7910P Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
More results

同様の説明 - NDL7912P

メーカー部品番号データシート部品情報
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com