データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NDL7912P データシート(PDF) 5 Page - NEC

部品番号 NDL7912P
部品情報  1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

NDL7912P データシート(HTML) 5 Page - NEC

  NDL7912P Datasheet HTML 1Page - NEC NDL7912P Datasheet HTML 2Page - NEC NDL7912P Datasheet HTML 3Page - NEC NDL7912P Datasheet HTML 4Page - NEC NDL7912P Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
11/14/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
NDL7912P
OUTLINE DIMENSIONS (Units in mm)
Top View
71
8
Cooler
+
-
PD
LD
MOD
Thermistor
14
Optical Fiber (SMF)
Length : 1 m
29.97
± 0.25
0.5
20.83
± 0.13
26.04
± 0.13
15.24
71
814
2.54
22.3
4 -
φ2.67
Pin No.
Function
Pin No. Function
1.
Thermistor
8.
GND
2.
Thermistor
9.
GND
3.
LD DC Bias
10.
NC
4.
PD Anode
11.
GND
5.
PD Cathode
12.
Signal Input (MOD)
6.
Cooler Anode
50
Ω RF Input
7.
Cooler Cathode
13.
GND
14.
GND
PIN CONNECTIONS
NDL7912P
TX
RX
EDFA
EDFA
EDFA
EDFA
EDFA
120 km
120 km
120 km
120 km
120 km
∆λ = 0.6 nm
2.5 Gb/s
600 km STANDARD FIBER TRANSMISSION EXAMPLE
PIN (EDFA) : -20 to -21 dBm
POUT (EDFA) : +8 dBm


同様の部品番号 - NDL7912P

メーカー部品番号データシート部品情報
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7910P NEC-NDL7910P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7910P NEC-NDL7910P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
NDL7910P NEC-NDL7910P Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
More results

同様の説明 - NDL7912P

メーカー部品番号データシート部品情報
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com