データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE24200 データシート(PDF) 2 Page - NEC

部品番号 NE24200
部品情報  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

NE24200 データシート(HTML) 2 Page - NEC

  NE24200 Datasheet HTML 1Page - NEC NE24200 Datasheet HTML 2Page - NEC NE24200 Datasheet HTML 3Page - NEC NE24200 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1
0.30
22.0
0.81
10
0.39
2
0.31
19.0
0.79
17
0.36
4
0.35
16.0
0.75
31
0.33
6
0.38
14.2
0.72
45
0.30
8
0.43
12.9
0.70
59
0.27
10
0.50
12.0
0.68
77
0.24
12
0.60
11.0
0.66
92
0.22
14
0.71
10.6
0.64
108
0.19
16
0.85
10.0
0.62
126
0.18
18
1.0
9.5
0.58
140
0.15
20
1.2
9.0
0.55
153
0.13
22
1.5
8.6
0.52
164
0.11
24
1.8
8.3
0.49
175
0.10
26
2.1
7.9
0.48
-176
0.08
28
2.4
7.6
0.46
-168
0.07
30
2.8
7.3
0.46
-160
0.05
TYPICAL NOISE PARAMETERS1,2 (TA = 25°C)
VDS = 2 V, IDS = 10 mA
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGSO
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
200
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
PT2
Total Power Dissipation
mW
200
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Noise Parameters include Bond Wires.
Gate:
Total 2 wires, 1 per bond pad 0.0132" (335
µm) long
each wire.
Drain:
Total 2 wires, 1 per bond pad 0.0094" (240
µm)
long each wire.
Source: Total 4 wires, 2 per side, 0.0070" (178
µm) long
each wire.
Wire:
0.0007" (17.8
µm) dia. gold.
2. Data at 28 and 30 GHz is extrapolated, not measured.
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Infinite
Heat sink
0
25
50
75
100
125
150
175
200
250
200
150
100
50
0
Ambient Temperature, TA (
°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
1.4
1.2
1
0.8
0.6
0.4
0.2
0
14
13
12
11
10
9
8
7
0
510
15
20
25
30
35
NF
GA
50
40
30
20
10
0
0
VGS
0.0 V
-0.15 V
-0.30 V
-0.45 V
-0.60 V
1
23
Drain to Source Voltage, VDS (V)
Drain Current, IDS (mA)
NOISE FIGURE & ASSOCIATED
GAIN vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage .
2. With chip mounted on an alumina heat sink (size: 3 x 3 x 0.6 mm
thick).
NE24200


同様の部品番号 - NE24200

メーカー部品番号データシート部品情報
logo
NEC
NE24200 NEC-NE24200 Datasheet
85Kb / 8P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

同様の説明 - NE24200

メーカー部品番号データシート部品情報
logo
NEC
NE24283B NEC-NE24283B Datasheet
39Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com