データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP31QF-PCB2140 データシート(PDF) 5 Page - WJ Communication. Inc.

部品番号 FP31QF-PCB2140
部品情報  2-Watt HFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WJCI [WJ Communication. Inc.]
ホームページ  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP31QF-PCB2140 データシート(HTML) 5 Page - WJ Communication. Inc.

  FP31QF-PCB2140 Datasheet HTML 1Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 2Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 3Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 4Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 5Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 6Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 7Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 8Page - WJ Communication. Inc. FP31QF-PCB2140 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 12 October 2006
FP31QF
2-Watt HFET
Product Information
The Communications Edge
TM
Application Circuit: 1930 – 1960 MHz (FP31QF-PCB1900)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +9 V, Ids = 450 mA, 25 °°°°C
Frequency
MHz
1930
1960
1990
S21 – Gain
dB
14
13.8
13.8
S11 – Input Return Loss
dB
-17
-21
-27
S22 – Output Return Loss
dB
-11
-11
-13
Output P1dB
dBm
+33.5
+33.8
+33.8
Output IP3
(+18 dBm / tone, 1 MHz spacing)
dBm
+46.8
Noise Figure
dB
4.3
4.5
4.4
IS-95 Channel Power
@ -45 dBc ACPR
dBm
+27.3
Circuit Board Material: .014” FR-4 (εr = 4.6),
4 layers (other layers added for rigidity), .062” total thickness, 1 oz copper
The main microstrip line has a line impedance of 50
.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C4, C8, C10
22 pF
Chip capacitor
0603
C2
2.2 pF
Chip capacitor
0603
C3
2.0 pF
Chip capacitor
0603
C7, C11
1000 pF
Chip capacitor
0603
C12
0.1 µF
Chip capacitor
1206
L1, L2
12 nH
Wirewound chip inductor
0805
L3
4.7 nH
Multilayer chip inductor
0603
R1
5.1
Chip resistor
0603
R2
51
Chip resistor
0603
Q1
FP31QF
WJ 2W HFET
QFN 6x6
C5, C6
Do Not Place
• The C2 and C3 placements are at silk screen markers, “B” and “3”, respectively.
• The via hole spacing along the main microstrip line is .040”.
• The distance from the edge of the FP31QF to the closer edge of L3 is .305”.
• The transmission line lengths shown in the schematic are from the FP31QF
device edge to the component edge.
ID=R1
R=5.1 Ohm
ID=C1
C=22 pF
ID=L2
L=12 nH
ID=C10
C=22 pF
ID=C11
C=1000 pF
ID=C12
C=1e5 pF
ID=C4
C=22 pF
ID=C8
C=22 pF
ID=C7
C=1000 pF
ID=C3
C=2 pF
ID=L1
L=12 nH
ID=R2
R=51 Ohm
ID=L3
L=4.7 nH
TLINP
ID=TL2
Z0=50 Ohm
L=200 mil
Eeff=3.46
Loss=0
F0=0 MHz
ID=C2
C=2.2 pF
TLINP
ID=TL1
Z0=50 Ohm
L=190 mil
Eeff=3.46
Loss=0
F0=0 MHz
1
2
NET="FP31QF"
-Vgg
Vds=9V @ 450 mA
C2
C3


同様の部品番号 - FP31QF-PCB2140

メーカー部品番号データシート部品情報
logo
WJ Communication. Inc.
FP31QF-PCB2140 WJCI-FP31QF-PCB2140 Datasheet
576Kb / 13P
   2-Watt HFET
More results

同様の説明 - FP31QF-PCB2140

メーカー部品番号データシート部品情報
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
SHF-0589 ETC-SHF-0589 Datasheet
195Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0589 SIRENZA-SHF-0589 Datasheet
192Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com