データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP1189-PCB2140S データシート(PDF) 9 Page - WJ Communication. Inc.

部品番号 FP1189-PCB2140S
部品情報  쩍-Watt HFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WJCI [WJ Communication. Inc.]
ホームページ  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP1189-PCB2140S データシート(HTML) 9 Page - WJ Communication. Inc.

Back Button FP1189-PCB2140S Datasheet HTML 3Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 4Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 5Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 6Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 7Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 8Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 9Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 10Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 11Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 9 of 11
October 2006
FP1189
½-Watt HFET
Product Information
The Communications Edge
TM
Reference Design: 2450 MHz
The application circuit is matched for output power.
Typical RF Performance, 25°°°°C
Frequency
MHz
2450
2450
S21 – Gain
dB
13.2
S11 – Input Return Loss
dB
-36
S22 – Output Return Loss
dB
-7.6
Output P1dB
dBm
+27.5
+28.1
Output IP3
(+12 dBm / tone, 1 MHz spacing)
dBm
+38
+40
Drain Voltage
V
+8
+8
Drain Current
mA
100
125
The 2450 MHz Reference Circuit is shown for design purposes only.
An
evaluation board is not readily available for this application. The reader can
obtain an FP1189-PCB2140S evaluation board and modify it with the circuit
shown to achieve the performance shown in this reference design. Only two
component changes are required (C4 and L3) from the FP1189-PCB2140S
evaluation board.
2200
2300
2400
2500
2600
2700
Frequency (MHz)
S-Parameters
-30
-25
-20
-15
-10
-5
0
5
10
15
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)
CAP
C =
ID =
22 pF
C1
CAP
C =
ID=
1.2 pF
C4
CAP
C =
ID =
33 pF
C3
CAP
C =
ID =
0.5 pF
C5
CAP
C =
ID =
22 pF
C7
CAP
C =
ID =
100000 pF
C8
CAP
C =
ID =
22 pF
C7
IN D
L=
ID =
18 nH
L1
IN D
L=
ID =
18 nH
L2
IN D
L=
ID =
1.8 nH
L3
RES
R =
ID =
100 Ohm
R1
RES
R =
ID =
10 Ohm
R2
T LINP
F 0=
Loss=
Eef f=
L=
Z 0=
ID =
0 MHz
0
4.2
13 5 mil
50 Ohm
T L1
TLINP
F 0=
L os s=
Eef f=
L =
Z 0=
I D =
0 M Hz
0
4 .2
4 5 mil
5 0 Ohm
T L2
TLINP
F0=
Loss=
Eef f=
L=
Z0=
ID =
0 MHz
0
4.2
8 0 mil
50 Ohm
TL3
T LINP
F 0=
Loss=
Eef f=
L=
Z 0=
ID =
0 MHz
0
4.2
3 5 mil
50 Ohm
T L4
CAP
C =
ID =
DN P pF
C2
CAP
C =
ID =
DN P pF
C6
1
2
SU BC KT
NET =
ID =
"FP1189"
Q1
POR T
Z =
P=
50 Ohm
1
POR T
Z=
P=
50 Ohm
2
Vds = 8 V @ 125 mA
-Vgg
The lengths shown in the microstrip lines are referenced from the component or pin edge-to-edge.
14 mil GETEK
TM ML200DSS (ε
r = 4.2)
The main microstrip line has a line impedance of 50
.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C7, C9
22 pF
Chip capacitor
0603
C3
33 pF
Chip capacitor
0805
C4
1.2 pF
Chip capacitor
0603
C5
0.5 pF
Chip capacitor
0603
C8
0.1 µF
Chip capacitor
1206
L1, L2
18 nH
Multilayer chip inductor
0603
L3
1.8 nH
Multilayer chip resistor
0603
R1
100
Chip resistor
0603
R2
10
Chip resistor
0603
Q1
FP1189
WJ 0.5W HFET
SOT-89
C2, C4, C6, C11
Do Not Place
C4


同様の部品番号 - FP1189-PCB2140S

メーカー部品番号データシート部品情報
logo
WJ Communication. Inc.
FP1189-PCB2140S WJCI-FP1189-PCB2140S Datasheet
517Kb / 12P
   1/2 - Watt HFET
More results

同様の説明 - FP1189-PCB2140S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
   High Performance 쩍-Watt HFET(Heterostructure FET)
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com