データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE34018-TI-64-A データシート(PDF) 5 Page - California Eastern Labs

部品番号 NE34018-TI-64-A
部品情報  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE34018-TI-64-A データシート(HTML) 5 Page - California Eastern Labs

  NE34018-TI-64-A Datasheet HTML 1Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 2Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 3Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 4Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 5Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 6Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 7Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 8Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.50
0.969
-18.6
8.533
160.8
0.017
81.2
0.635
-7.3
0.221
27.007
0.60
0.958
-22.1
8.416
157.3
0.020
79.4
0.631
-8.8
0.256
26.241
0.70
0.946
-25.7
8.331
153.8
0.023
77.8
0.624
-10.2
0.289
25.590
0.80
0.931
-29.2
8.211
150.4
0.026
76.4
0.617
-11.6
0.324
24.994
0.90
0.916
-32.7
8.092
147.1
0.029
75.1
0.610
-12.9
0.354
24.457
1.00
0.899
-36.1
7.982
143.7
0.032
73.8
0.601
-14.3
0.387
23.970
1.20
0.864
-42.9
7.737
137.3
0.037
71.1
0.584
-16.9
0.451
23.204
1.40
0.825
-49.3
7.469
131.1
0.043
68.5
0.566
-19.4
0.512
22.398
1.60
0.785
-55.8
7.205
125.2
0.048
66.1
0.547
-21.8
0.570
21.764
1.80
0.745
-62.1
6.948
119.5
0.053
63.8
0.527
-24.2
0.623
21.176
2.00
0.701
-68.6
6.692
113.9
0.058
61.7
0.509
-26.5
0.675
20.621
2.50
0.596
-85.3
6.075
100.9
0.069
56.6
0.467
-32.4
0.786
19.447
3.00
0.499
-103.3
5.495
88.9
0.079
52.0
0.428
-37.8
0.879
18.423
3.50
0.422
-123.1
4.953
77.8
0.088
47.9
0.397
-42.4
0.952
17.504
4.00
0.374
-142.9
4.477
67.8
0.096
44.3
0.369
-45.8
1.009
16.118
4.50
0.357
-160.6
4.073
58.9
0.104
41.1
0.340
-47.7
1.047
14.596
5.00
0.359
-174.1
3.745
50.9
0.112
38.6
0.310
-48.8
1.073
13.589
5.50
0.366
176.6
3.487
43.4
0.122
36.2
0.278
-49.1
1.084
12.796
6.00
0.372
169.3
3.285
36.2
0.133
33.6
0.248
-50.0
1.084
12.160
6.50
0.372
162.1
3.118
29.0
0.144
30.4
0.219
-52.7
1.086
11.571
7.00
0.365
153.0
2.975
21.4
0.154
26.4
0.193
-60.2
1.090
11.031
7.50
0.353
139.1
2.852
13.4
0.165
22.2
0.169
-72.2
1.088
10.569
8.00
0.348
122.0
2.729
5.0
0.176
17.4
0.156
-91.3
1.079
10.189
VDS = 2 V, IDS = 20 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
NE34018
TYPICAL SCATTERING PARAMETERS (TA = 25°C)


同様の部品番号 - NE34018-TI-64-A

メーカー部品番号データシート部品情報
logo
NEC
NE34018-T1 NEC-NE34018-T1 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T2 NEC-NE34018-T2 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

同様の説明 - NE34018-TI-64-A

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com