データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV3215N-LF データシート(PDF) 1 Page - Z-Communications, Inc

部品番号 SMV3215N-LF
部品情報  VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZCOMM [Z-Communications, Inc]
ホームページ  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SMV3215N-LF データシート(HTML) 1 Page - Z-Communications, Inc

  SMV3215N-LF Datasheet HTML 1Page - Z-Communications, Inc SMV3215N-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMV3215N-LF
WiMax
WLAN
Portable Radios
5
14
3±2
3090
0.5-4.5
150
-88
-15
<7
<5
50
50
-40 to 85
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance (max.)
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
Package Style
SUB-MINI
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
VOLTAGE CONTROLLED OSCILLATOR
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
3090 3340
-
MHz
• Frequency Range:
• Tuning Voltage:
0.5-4.5 Vdc
- Style Package
SUB-MINI
A1
Rev
AN-100/1 : Mounting and Grounding of VCOs
AN-102 : Proper Output Loading of VCOs
AN-107 : How to Solder Z-COMM VCOs
NOTES:
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700 FAX (858) 621-2722
- 3340
LOW COST - HIGH PERFORMANCE
OFFSET (Hz)
14


同様の部品番号 - SMV3215N-LF

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMV320C6701GLP/EM TI1-SMV320C6701GLP/EM Datasheet
661Kb / 61P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI1-SMV320C6727B-SP Datasheet
731Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMV320C6727B-SP TI1-SMV320C6727B-SP_16 Datasheet
731Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMV320C6727BHFH/EM TI1-SMV320C6727BHFH/EM Datasheet
731Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
More results

同様の説明 - SMV3215N-LF

メーカー部品番号データシート部品情報
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com