データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14468P データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MC14468P
部品情報  Low-Power CMOS Ionization Smoke Detector IC with Interconnect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14468P データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MC14468P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14468P Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Sensors
4
Freescale Semiconductor
MC14468
Table 4. Timing Parameters
(C = 0.1
µF, R
bias = 8.2 MΩ, VDD = 9.0 V, TA = 25°C, See Figure 7)
Characteristics
Symbol
Min
Typ(1)
1. Data labelled “Typ'' is not to be used for design purposes, but is intended as an indication of the IC's potential performance.
Max
Units
Oscillator Period
No Smoke
Smoke
tCI
1.34
32
1.67
40
20
48
s
ms
Oscillator Rise Time
tR
8.0
10
12
ms
Horn Output
On Time
(During Smoke)
Off Time
PWON
PWOFF
120
60
160
80
208
104
ms
ms
LED Output
Between Pulses
On time
tLED
PWON
32
8.0
40
10
48
12
s
ms
Horn Output
On Time
(During Low Battery)
Between Pulses
tON
tOFF
8.0
32
10
40
12
48
ms
s
Figure 3. Typical LED Output
I-V Characteristic
Figure 4. Typical Comparator Output
I-V Characteristic
Figure 5. Typical P Horn Driver Output
I-V Characteristic
0
1
234
5
6
7
8
9
10
0.1
1.0
10.0
100.0
VDS, Drain To Source Voltage (Vdc)
VDD = 7.2 Vdc
VDD = 9.0 Vdc
TA = 25°C
0
1
234
5
6
7
8
9
10
0.01
0.1
1.0
10.0
VDS, Drain To Source Voltage (Vdc)
TA = 25°C
VDD = 9.0 Vdc or 7.2 Vdc
P-CH Source
and N-CH
Sink Current
0
1
234
5
6
7
8
9
10
1.0
10.0
100.0
1000.0
VDS, Drain To Source Voltage (Vdc)
VDD = 7.2 Vdc
VDD = 9.0 Vdc
TA = 25°C
P-CH Source Current
TA = 25°C
0
1
2
3
4
5
678
9
10
1.0
10.0
100.0
1000.0
VDS, Drain To Source Voltage (Vdc)
VDD = 7.2 Vdc
VDD = 9.0 Vdc
N-CH Sink Current
0
1
234
5
6
7
8
9
10


同様の部品番号 - MC14468P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14468P MOTOROLA-MC14468P Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
More results

同様の説明 - MC14468P

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
Freescale Semiconductor...
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com