データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33883EG データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 MCZ33883EG
部品情報  H-Bridge Gate Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33883EG データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33883EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33883EG Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33883
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33883 is an H-bridge gate driver (or full-bridge pre-
driver) with integrated charge pump and independent high-
and low-side driver channels. It has the capability to drive
large gate-charge MOSFETs and supports high PWM
frequency. In sleep mode its supply current is very low.
FUNCTIONAL TERMINAL DESCRIPTION
SUPPLY VOLTAGE TERMINALS (VCC AND VCC2)
The VCC and VCC2 terminals are the power supply inputs
to the device. VCC is used for the output high-side drivers and
the charge pump. VCC2 is used for the linear regulation. They
can be connected together or independent with different
voltage values. The device can operate with VCC up to 55 V
and VCC2 up to 28 V.
The VCC and VCC2 terminals have undervoltage (UV)
and overvoltage (OV) shutdown. If one of the supply voltage
drops below the undervoltage threshold or rises above the
overvoltage threshold, the gate outputs are switched LOW in
order to switch off the external MOSFETs. When the supply
returns to a level that is above the UV threshold or below the
OV threshold, the device resumes normal operation
according to the established condition of the input terminals.
INPUT HIGH- AND LOW-SIDE TERMINALS
(IN_HS1, IN_HS2, AND IN_LS1, IN_LS2)
The IN_HSn and IN_LSn terminals are input control
terminals used to control the gate outputs. These terminals
are 5.0 V CMOS-compatible inputs with hysteresis. IN_HSn
and IN_LSn independently control GATE_HSn and
GATE_LSn, respectively.
During wake-up, the logic is supplied from the G_EN
terminal. There is no internal circuit to prevent the external
high-side and low-side MOSFETs from conducting at the
same time.
SOURCE OUTPUT HIGH-SIDE TERMINALS
(SRC_HS1 AND SRC_HS2)
The SRC_HSn terminals are the sources of the external
high-side MOSFETs. The external high-side MOSFETs are
controlled using the
IN_HSn inputs.
GATE HIGH- AND LOW-SIDE TERMINALS
(GATE_HS1, GATE_HS2, AND GATE_LS1,
GATE_LS2)
The GATE_HSn and GATE_LSn terminals are the gates
of the external high- and low-side MOSFETs. The external
high- and low-side MOSFETs are controlled using the
IN_HSn and IN_LSn inputs.
GLOBAL ENABLE (G_EN)
The G_EN terminal is used to place the device in a sleep
mode. When the G_EN terminal voltage is a logic LOW state,
the device is in sleep mode. The device is enabled and fully
operational when the G_EN terminal voltage is logic HIGH,
typically 5.0 V.
CHARGE PUMP OUT (CP_OUT)
The CP_OUT terminal is used to connect an external
reservoir capacitor for the charge pump.
CHARGE PUMP CAPACITOR TERMINALS
(C1 AND C2)
The C1 and C2 terminals are used to connect an external
capacitor for the charge pump.
LINEAR REGULATOR OUTPUT (LR_OUT)
The LR_OUT terminal is the output of the internal
regulator. It is used to connect an external capacitor.
GROUND TERMINALS
(GND_A, GND1 AND GND2)
These terminals are the ground terminals of the device.
They should be connected together with a very low
impedance connection.


同様の部品番号 - MCZ33883EG

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33880EG FREESCALE-MCZ33880EG Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MCZ33880EG FREESCALE-MCZ33880EG Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MCZ33880EG FREESCALE-MCZ33880EG Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
MCZ33880EGR2 FREESCALE-MCZ33880EGR2 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
MCZ33880EGR2 FREESCALE-MCZ33880EGR2 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

同様の説明 - MCZ33883EG

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
   H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
   H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com