データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33887EK データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MCZ33887EK
部品情報  5.0 A H-Bridge with Load Current Feedback
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33887EK データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33887EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33887EK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33887
PIN CONNECTIONS
42–45
OUT1
H-Bridge Output 1
Output 1 of H-Bridge.
47
FB
Feedback for H-Bridge
Current feedback output providing ground referenced 1/375th ratio of
H-Bridge high-side current.
Pad
Thermal
Interface
Exposed Pad Thermal
Interface
Exposed pad thermal interface for sinking heat from the device.
Note Must be DC-coupled to analog ground and power ground via very
low impedance path to prevent injection of spurious signals into IC
substrate.
Table 3. SOICW-EP PIN DEFINITIONS
A functional description of each pin can be found in the Functional Pin DescriptionS section, page 21.
Pin
Pin Name
Formal Name
Definition


同様の部品番号 - MCZ33887EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33887EK FREESCALE-MCZ33887EK Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
MCZ33887EKR2 FREESCALE-MCZ33887EKR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

同様の説明 - MCZ33887EK

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com