データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33976EGR2 データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 MCZ33976EGR2
部品情報  Dual Gauge Driver with Configurable esponse Time
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33976EGR2 データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33976EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33976EGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33976
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
This 33976 is a single-packaged, Serial Peripheral
Interface (SPI) controlled, dual step motor gauge driver
integrated circuit (IC). This monolithic IC consists of four dual
output H-Bridge coil drivers and the associated control logic.
Each pair of H-Bridge drivers is used to automatically control
the speed, direction, and magnitude of current through the
two coils of a two-phase instrumentation step motor, similar
to an MMT-licensed AFIC 6405 or a Switec MS-X15.xxx
motor.
The 33976 is ideal for use in automotive instrumentation
systems requiring distributed and flexible step motor gauge
driving. The device also eases the transition to step motors
from air core motors by emulating the air core pointer
movement with little additional processor bandwidth
utilization.
FUNCTIONAL PIN DESCRIPTION
H-BRIDGE OUTPUTS 0 (COS0+, COS0-, SIN0+,
SIN0-)
Each pin is the output pin of a half bridge, designed to
source or sink current. The H-Bridge pins linearly drive the
sine and cosine coils of two separate step motors to provide
four-quadrant operation.
GROUND (GND)
These pins serve as the ground for the source of the low-
side output transistors as well as the logic portion of the
device. They also help dissipate heat from the device.
CHIP SELECT (CS)
The CS pin enables communication with the master
device. When this pin is in a logic [0] state, the 33976 is
capable of transferring information to, and receiving
information from, the master. The 33976 latches data in from
the Input Shift registers to the addressed registers on the
rising edge of CS. The output driver on the SO pin is enabled
when CS is logic [0]. When CS is logic high, signals at the
SCLK and SI pins are ignored and the SO pin is tri-stated
(high impedance). CS will only be transitioned from a logic [1]
state to a logic [0] state when SCLK is a logic [0]. CS has an
internal pull-up (lUP) connected to the pin, as specified in the
section of the Static Electrical Characteristics table entitled
CONTROL I/O, which is found on page 6.
SERIAL CLOCK (SCLK)
SCLK clocks the Internal Shift registers of the 33976
device. The SI pin accepts data into the Input Shift register on
the falling edge of the SCLK signal, while the Serial Output
pin (SO) shifts data information out of the SO Line Driver on
the rising edge of the SCLK signal. It is important that the
SCLK pin be in a logic [0] state whenever the CS makes any
transition. SCLK has an internal pull down (lDWN), as
specified in the section of the Static Electrical Characteristics
table entitled CONTROL I/O, which is found on page 6. When
CS
is logic [1], signals at the SCLK and SI pins are ignored
and SO is tri-stated (high impedance). Refer to the data
transfer timing diagrams in Figure 6 and Figure 7 on page 12.
SERIAL OUTPUT (SO)
The SO data pin is a tri-stateable output from the Shift
register. The Status register bits are the first 16 bits shifted
out. Those bits are followed by the message bits clocked in
FIFO, when the device is in a daisy chain connection or being
sent words that are multiples of 16 bits. Data is shifted on the
rising edge of the SCLK signal. The SO pin will remain in a
high impedance state until the CS pin is put into a logic low
state.
SERIAL INPUT (SI)
The SI pin is the input of the SPI. Serial input information
is read on the falling edge of SCLK. A 16-bit stream of serial
data is required on the SI pin, beginning with the most
significant bit (MSB). Messages that are not multiples of 16
bits (e.g., daisy chained device messages) are ignored. After
transmitting a 16-bit word, the CS pin must be de-asserted
(logic [1]) before transmitting a new word. SI information is
ignored when CS is in a logic high state.
MULTIPLEXED OUTPUT (RTZ)
This is a multiplexed output pin for the non-driven coil,
during a Return to Zero (RTZ) event.
VOLTAGE (VDD)
This SPI and logic power supply input will work with 5.0 V
supplies.
RESET (RST)
If the master decides to reset the device or place it into a
sleep state, the RST pin is driven to a logic [0]. A logic [0] on
the RST pin will force all internal logic to the known default
state. This input has an internal active pull-up.


同様の部品番号 - MCZ33976EGR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33976EG/R2 FREESCALE-MCZ33976EG/R2 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
More results

同様の説明 - MCZ33976EGR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
List of Unclassifed Man...
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
   5-Channel Gauge Driver with Serial Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com