データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34920EI データシート(PDF) 7 Page - Freescale Semiconductor, Inc

部品番号 MC34920EI
部品情報  2.8 ohm (Typ) Quad H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34920EI データシート(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34920EI Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34920EI Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34920
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Voltage Overshoot
External VCC Load Current from 0.01 to 0.500 A, tRISE > 100 ns
VOVRSHT
5.0%
Load Ripple
0.5 A maximum
VOUTRIPPLE
100
mV
VBOOST GENERATOR
Charge Pump Output Voltage
ILOAD = 1.0 mA
VVB-VVB+
10
14
V
BIPOLAR CURRENT REGULATED STEP MOTOR DRIVE SYSTEM
Peak Step Motor Current, Phase A or B
Motor Not Stalled
ISTEPMOTOR
PEAK
0.6
A
Maximum Allowable Voltage Drop Across Any H-Bridge Switch
ILOAD = 0.6 A (from Output to GND) or ILOAD = 0.6 A (from VVB+ to
Output)
VDROP
1.6
V
Comparator High Threshold Voltage
CURR_I0_PHASEX=0, CURR_I1_PHASEX=0
VTH
450
550
650
mV
Comparator Medium Threshold Voltage
CURR_I0_PHASEX=1, CURR_I1_PHASEX=0
VTM
300
440
mV
Comparator Low Threshold Voltage
CURR_I0_PHASEX=0, CURR_I1_PHASEX=1
VTL
105
255
mV
VOOFF Output Leakage Current for Step Motor Driver Outputs
VOOFF = 5.0 V
IOOFF
-1.0
0.1
1.0
mA
Step Motor Driver Thermal Shutdown Junction Temperature
TJ(SHUTDOWN)
155
175
oC
Step Motor Driver Thermal Enable Junction Temperature
TJ(ENABLE)
135
155
oC
Single MOSFET
Typical Value @ TJ = 25°C
RDS(ON)
1.43
DC MOTOR DRIVE SYSTEM
Maximum Allowable Voltage Drop Across Any H-Bridge Switch
ILOAD = 0.75 A (from Output to GND) or ILOAD = 0.75 A (from VVB+ to
Output) (Using 2 H-Bridges in Parallel)
VDROP
1.3
V
Peak DC Motor Driver Current
Motor Not Stalled (Using 2 H-Bridges in Parallel)
IDCMOTOR
PEAK CURRENT
1.2
A
DC Motor Overcurrent Threshold (7)
Motor Stalled (Paralleled H-Bridges Used for DC Motor Drive)
IDCMOTOROCT
1.6
2.0
2.5
A
DC Motor Driver Sustaining Current Value
Current Allowed to Sustain for a Minimum of 100 ms (OCT delay),
Current Ripple 100 mA (Peak-to-Peak or Less)
IDC_SUSTAIN
1.6
2.0
2.4
A
Notes
7.
Because the current clamp is applied to the top H-bridge transistors only, overcurrent protection applies to motor currents. But note that
no short circuit protection exists against shorts from the DC motor outputs (DR1A1, DR1A2, DR1B1, or DR1B2 to substrate ground or
to VB+.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 21 V VVB+ 42 V, TA = 10°C to 55°C, TJ max = 135°C, VCC = 5.25 V max unless
otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under typical conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC34920EI

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
More results

同様の説明 - MC34920EI

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com