データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5370BE データシート(PDF) 1 Page - Micro Commercial Components

部品番号 1N5370BE
部品情報  5 Watt Zener Diode 11 to 200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5370BE データシート(HTML) 1 Page - Micro Commercial Components

  1N5370BE Datasheet HTML 1Page - Micro Commercial Components 1N5370BE Datasheet HTML 2Page - Micro Commercial Components 1N5370BE Datasheet HTML 3Page - Micro Commercial Components 1N5370BE Datasheet HTML 4Page - Micro Commercial Components 1N5370BE Datasheet HTML 5Page - Micro Commercial Components 1N5370BE Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1N5348BE
THRU
1N5388BE
5 Watt
Zener Diode
11 to 200 Volts
Features
Built Strain Relief
For Available Tolerances—See Note 1
Maximum Ratings:
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
5 Watt DC Power Dissipation
Maximum Forward Voltage @ 1A: 1.2 Volts
Power Derating: 40 mW/℃ Above 75℃
Mechanical Characteristics
Case: JEDEC DO-201AE.
Terminals: Solder plated , solderable per MIL-STD-750,
Method 2026.
Standard Packaging: 52mm tape
Weight: 0.04 ounces , 1.1 gram (approx)
DO-201AE
MIN
MAX
MIN
MAX
A
0.285
0.375
7.20
9.50
B
0.190
0.210
4.80
5.30
C
0.037
0.043
0.94
1.07
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 6
2006/05/28
TM
Micro Commercial Components
Marking : 1N5348~1N5388 part number and Cathode Band
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
www.mccsemi.com
1 of 6


同様の部品番号 - 1N5370BE

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N5370B DIGITRON-1N5370B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Motorola, Inc
1N5370B MOTOROLA-1N5370B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5370B DIOTEC-1N5370B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5370B SEMIKRON-1N5370B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5370B DIOTEC-1N5370B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

同様の説明 - 1N5370BE

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
New Jersey Semi-Conduct...
1N5559B NJSEMI-1N5559B Datasheet
148Kb / 1P
   1.0 WATT ZENER DIODE 6.8 VOLTS to 200 VOLTS 5% TOLERANCE
logo
Micro Commercial Compon...
SMBJ5341B-TP MCC-SMBJ5341B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5371B-TP MCC-SMBJ5371B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5353B-TP MCC-SMBJ5353B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5363B-TP MCC-SMBJ5363B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5366B-TP MCC-SMBJ5366B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B-TP MCC-SMBJ5338B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com