データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5371BE データシート(PDF) 2 Page - Micro Commercial Components

部品番号 1N5371BE
部品情報  5 Watt Zener Diode 11 to 200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5371BE データシート(HTML) 2 Page - Micro Commercial Components

  1N5371BE Datasheet HTML 1Page - Micro Commercial Components 1N5371BE Datasheet HTML 2Page - Micro Commercial Components 1N5371BE Datasheet HTML 3Page - Micro Commercial Components 1N5371BE Datasheet HTML 4Page - Micro Commercial Components 1N5371BE Datasheet HTML 5Page - Micro Commercial Components 1N5371BE Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5348BE THRU 1N5388BE
ELECTRICAL CHARACTERISTICS (TA=25 unless otherwise noted, VF=1.2 Max @ IF=1A for all types).
Maximum Zener Impedance
Max reverse
Leakage
Current
Type No.
(Note 1.)
Nominal Zener
Voltage Vz @ IZT
volts
(Note 2.)
Test current
IZT
mA
ZZT @ IZT
Ohms
(Note 2.)
ZZk @ IZK = 1 mA
Ohms
(Note 2.)
IR
uA
VR
Volts
Max Surge
Current Ir Amps
(Note 3.)
Max Voltage
Regulation
Vz, Volts
(Note 4.)
Maximum
Regulator
Current
IZM mA
(Note 5.)
1N5348BE
1N5349BE
1N5350BE
1N5351BE
11
12
13
14
125
100
100
100
2.5
2.5
2.5
2.5
125
125
100
75
5
2
1
1
8.4
9.1
9.9
10.6
8
7.5
7
6.7
0.25
0.25
0.25
0.25
430
395
365
340
1N5352BE
1N5353BE
1N5354BE
1N5355BE
1N5356BE
15
16
17
18
19
75
75
70
65
65
2.5
2.5
2.5
2.5
3
75
75
75
75
75
1
1
0.5
0.5
0.5
11.5
12.2
12.9
13.7
14.4
6.3
6
5.8
5.5
5.3
0.25
0.3
0.35
0.4
0.4
315
295
280
265
250
1N5357BE
1N5358BE
1N5359BE
1N5360BE
1N5361BE
20
22
24
25
27
65
50
50
50
50
3
3.5
3.5
4
5
75
75
100
110
120
0.5
0.5
0.5
0.5
0.5
15.2
16.7
18.2
19
20.6
5.1
4.7
4.4
4.3
4.1
0.4
0.45
0.55
0.55
0.6
237
216
198
190
176
1N5362BE
1N5363BE
1N5364BE
1N5365BE
1N5366BE
28
30
33
36
39
50
40
40
30
30
6
8
10
11
14
130
140
150
160
170
0.5
0.5
0.5
0.5
0.5
21.2
22.8
25.1
27.4
29.7
3.9
3.7
3.5
3.3
3.1
0.6
0.6
0.6
0.65
0.65
170
158
144
132
122
1N5367BE
1N5368BE
1N5369BE
1N5370BE
1N5371BE
43
47
51
56
60
30
25
25
20
20
20
25
27
35
40
190
210
230
280
350
0.5
0.5
0.5
0.5
0.5
32.7
35.8
38.8
42.6
45.5
2.8
2.7
2.5
2.3
2.2
0.7
0.8
0.9
1
1.2
110
100
93
86
79
1N5372BE
1N5373BE
1N5374BE
1N5375BE
1N5376BE
62
68
75
82
87
20
20
20
15
15
42
44
45
65
75
400
500
620
720
760
0.5
0.5
0.5
0.5
0.5
47.1
51.7
56
62.2
66
2.1
2
1.9
1.8
1.7
1.35
1.5
1.6
1.8
2
76
70
63
58
54.5
1N5377BE
1N5378BE
1N5379BE
1N5380BE
1N5381BE
91
100
110
120
130
15
12
12
10
10
75
90
125
170
190
760
800
1000
1150
1250
0.5
0.5
0.5
0.5
0.5
69.2
76
83.6
91.2
98.8
1.6
1.5
1.4
1.3
1.2
2.2
2.5
2.5
2.5
2.5
52.5
47.5
43
39.5
36.6
1N5382BE
1N5383BE
1N5384BE
1N5385BE
1N5386BE
1N5387BE
140
150
160
170
180
190
8
8
8
8
5
5
230
330
35 0
380
430
450
1500
1500
1650
1750
1750
1850
0.5
0.5
0.5
0.5
0.5
0.5
106
114
122
129
137
144
1.2
1.1
1.1
1
1
0.9
2.5
3
3
3
4
5
34
31.6
29.4
28
26.4
25
1N5388
200
5
480
1850
0.5
152
0.9
5
23.6
NOTE:
1. TOLERANCE AND VOLTAGE DESIGNATION - The JEDEC type numbers shown indicate a tolerance of+/-10% with
guaranteed limits on only Vz, IR, Ir, and VF as shown in the electrical characteristics table. Units with guaranteed limits
on all seven parameters are indicated by suffix “B” for+/-5% tolerance.
2. ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT & ZZK) - Test conditions for Zener voltage and impedance are as
follows; Iz is applied 40 10 ms prior to reading. Mounting contacts are located from the inside edge of mounting
clips to the body of the diode.(TA=25
).
Revision: 6
2006/05/28
MCC
TM
Micro Commercial Components
BE
www.mccsemi.com
2 of 6


同様の部品番号 - 1N5371BE

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N5371B DIGITRON-1N5371B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Motorola, Inc
1N5371B MOTOROLA-1N5371B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5371B DIOTEC-1N5371B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5371B SEMIKRON-1N5371B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5371B DIOTEC-1N5371B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

同様の説明 - 1N5371BE

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
New Jersey Semi-Conduct...
1N5559B NJSEMI-1N5559B Datasheet
148Kb / 1P
   1.0 WATT ZENER DIODE 6.8 VOLTS to 200 VOLTS 5% TOLERANCE
logo
Micro Commercial Compon...
SMBJ5341B-TP MCC-SMBJ5341B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5371B-TP MCC-SMBJ5371B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5353B-TP MCC-SMBJ5353B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5363B-TP MCC-SMBJ5363B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5366B-TP MCC-SMBJ5366B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B-TP MCC-SMBJ5338B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com