データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34923DW データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MC34923DW
部品情報  Full-Bridge PWM Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34923DW データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34923DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
34923
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions TA = 25°C, VBB = 45 V, VDD = 5.0 V, VSENSE = 0.5 V, and fPWM < 50 kHz unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OUTPUT DRIVERS
Load Supply Voltage Range
Operating
During Sleep Mode
VBB
20
0
45
45
V
Output Leakage Current
VOUT = VBB
VOUT = 0 V
IDSS
<1.0
<-1.0
20
-20
µA
Output On Resistance
Source Driver, IOUT = -2.0 A @ 25°C
Source Driver, IOUT = -2.0 A @ 150°C
Sink Driver, IOUT = 2.0 A @ 25°C
Sink Driver, IOUT = 2.0 A @ 150°C
RDS(ON)
300
300
450
700
450
700
m
Body Diode Forward Voltage
Source Diode, IF = -2.0 A
Sink Diode, IF = 2.0 A
VF
1.2
1.2
1.6
1.6
V
Load Supply Current
fPWM < 50 kHz
Charge Pump On, Outputs Disabled
Sleep Mode
IBB
4.0
2.0
7.0
5.0
20
mA
mA
µA
CONTROL LOGIC
Logic Supply Voltage Range (Operating)
VDD
4.5
5.0
5.5
V
Logic Input Voltage
VIN(1)
VIN(0)
2.0
0.8
V
Input Current
All Logic Inputs Except PWM/ENABLE
VIN = 2.0 V
VIN = 0.8 V
PWM/ENABLE Only
VIN = 2.0 V
VIN = 0.8 V
IIN(1)
IIN(0)
IIN(1)
IIN(0)
<1.0
<-2.0
40
16
20
-20
100
40
µA
Input Hysteresis
All Digital Inputs Except OSC
OSC (Operating)
VIN(LOGIC)
VIN(OSC)
50
200
100
400
mV
Reference Input Voltage Range (Operating)
VREF
0–
2.6
V
Reference Input Current
VREF = 2.5 V
IREF
––
±0.5
µA
Input Offset Voltage
Comparator VREF = 0 V
Buffer
VIO
0
0
±5.0
±15
mV
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC34923DW

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC34923DW MOTOROLA-MC34923DW Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
MC34923DW/R2 MOTOROLA-MC34923DW/R2 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
More results

同様の説明 - MC34923DW

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com