データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C1632C10012GAC データシート(PDF) 4 Page - Kemet Corporation

部品番号 C1632C10012GAC
部品情報  CERAMIC CAPACITOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1632C10012GAC データシート(HTML) 4 Page - Kemet Corporation

  C1632C10012GAC Datasheet HTML 1Page - Kemet Corporation C1632C10012GAC Datasheet HTML 2Page - Kemet Corporation C1632C10012GAC Datasheet HTML 3Page - Kemet Corporation C1632C10012GAC Datasheet HTML 4Page - Kemet Corporation C1632C10012GAC Datasheet HTML 5Page - Kemet Corporation C1632C10012GAC Datasheet HTML 6Page - Kemet Corporation C1632C10012GAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum.
2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 Newton to 1.0 Newton (10g to 100g)
12 mm
0.1 Newton to 1.3 Newton (10g to 130g)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier
tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape
shall be pulled at a velocity of 300 ±10 mm/minute.
3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13")
reels (with C-7280). Note that 13” reels are preferred.
4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only.
2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require
additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2)
4. The cavity defined by A
0
, B
0
, and K
0 shall be configured to surround the part with sufficient clearance such that the chip does not pro-
trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical
restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm
maximum in the pocket (not applicable to vertical clearance.)
Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern)
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
EP
0
P
2
T Max
T
1 Max
8 mm
1.5
1.75 ±0.10
4.0 ±0.10
2.0 ±0.05
0.600
0.100
and
+0.10 -0.0
12 mm
(0.059
(0.069 ±0.004)
(0.157 ±0.004)
(0.079 ±0.002)
(0.024)
(0.004)
+0.004, -0.0)
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Max.
D
1 Min.
F
P
1
R Min.
T
2 Max
W
A
0B0K0
Note 1
Note 2
Note 3
Note 4
8 mm
Single
4.4
1.0
3.5 ±0.05
4.0 ±0.10
25.0
2.5
8.0 ±0.30
(4 mm)
(0.173)
(0.039)
(0.138 ±0.002)
(0.157 ±0.004) (0.984)
(0.098)
(.315 ±0.012)
12 mm
Double
8.2
1.5
5.5 ±0.05
8.0 ±0.10
30.0
4.6
12.0 ±0.30
(8 mm)
(0.323)
(0.059)
(0.217 ±0.002)
(0.315 ±0.004) (1.181)
(0.181) (0.472 ±0.012)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
94


同様の部品番号 - C1632C10012GAC

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C1632C10211RAC KEMET-C1632C10211RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C1632C102RAC KEMET-C1632C102RAC Datasheet
938Kb / 7P
   Four individual capacitors inside one 1206 monolithic structure
C1632C10311RAC KEMET-C1632C10311RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C1632C103K3GAC KEMET-C1632C103K3GAC Datasheet
938Kb / 7P
   Four individual capacitors inside one 1206 monolithic structure
C1632C103K3RAC KEMET-C1632C103K3RAC Datasheet
938Kb / 7P
   Four individual capacitors inside one 1206 monolithic structure
More results

同様の説明 - C1632C10012GAC

メーカー部品番号データシート部品情報
logo
AVX Corporation
W2A43C106MAT2A AVX-W2A43C106MAT2A Datasheet
287Kb / 7P
   Capacitor Array(IPC)
W2A4ZC104KAT2A AVX-W2A4ZC104KAT2A Datasheet
283Kb / 6P
   Capacitor Array (IPC)
W3A4YC104K4T2A AVX-W3A4YC104K4T2A_17 Datasheet
164Kb / 3P
   Capacitor Array (IPC)
logo
Murata Manufacturing Co...
NFA31CC220S1E4D MURATA-NFA31CC220S1E4D Datasheet
62Kb / 2P
   EMIFILr (Capacitor type) Array
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
logo
Panasonic Semiconductor
EZANCE101M PANASONIC-EZANCE101M Datasheet
246Kb / 6P
   Chip 3-Terminal Capacitor Array
logo
Vishay Siliconix
CRCA12E VISHAY-CRCA12E Datasheet
141Kb / 3P
   Thick Film Array, Resistor/Capacitor
Revision: 15-Jan-07
logo
Panasonic Semiconductor
EZA-NCE221M PANASONIC-EZA-NCE221M Datasheet
244Kb / 7P
   Chip 3-Terminal Capacitor Array
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com