データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDR01BX561BKW4 データシート(PDF) 5 Page - Kemet Corporation

部品番号 CDR01BX561BKW4
部品情報  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR01BX561BKW4 データシート(HTML) 5 Page - Kemet Corporation

  CDR01BX561BKW4 Datasheet HTML 1Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 2Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 3Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 4Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 5Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 6Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 7Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 8Page - Kemet Corporation CDR01BX561BKW4 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
PERFORMANCE CURVES
EFFECT OF FREQUENCY
(See SPICE models for specific ratings.)
Impedance versus Frequency X7R Dielectric
Frequency (MHz)
0.1
0.3
1
3
10
100
300
1,000
0.01
0.1
1
10
100
1,000
30
0805
104
1206
104
0603
103
0805
103
1206
103
Impedance (Ohms)
FIGURE 5
Impedance versus Frequency C0G Dielectric
Impedance (Ohms)
Frequency (MHz)
2225
103
0.1
0.3
1
3
10
100
300
1,000
30
1206
102
0603
101
0805
101
0.001
0.01
1
10
100
1,000
0.1
10,000
100,000
FIGURE 4.
TABLE 4 – ENVIRONMENTAL LIMITS
C0G
0.1
0.1
0.1
0.1
0.1
100/1000
100/1000
100/1000
100/1000
100/1000
0.5
0.5
0.5
0.5
0.5
0.3% or ± 0.25 pf
0.3% or ± 0.25 pf
0.3% or ± 0.25 pf
0.3% or ± 0.25 pf
0.3% or ± 0.25 pf
10/100
10/100
10/100
10/100
10/100
200
100
50
25
16
Body
Rated DC
Voltage
Initial
DF (%)
IR
(G
Ω or ΩF)
whichever is
less
DF (%)
Post Life/
Hum/Moisture
Resistance
Cap Shift (% or pf,
whichever is greater)
Post Life/
Hum/Moisture
Resistance
IR (G
Ω or ΩF)
whichever is less
Post Life/
Hum/Moisture
Resistance
2.5
2.5
2.5
3.5
3.5
5.0
X7R
100/1000
100/1000
100/1000
100/1000
100/1000
100/1000
100/1000
100/1000
100/1000
100/1000
3.0
3.0
3.0
5.0
5.0
7.5
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
10/100
10/100
10/100
10/100
10/100
10/100
10/100
10/100
10/100
10/100
200
100
50
25
16
6.3/10
5.0
2.5
5.0
10.0
X5R
7.5
3.0
7.5
12.0
25V all cap values
50V all cap values
<25<564 cap value
4.0
4.0
4.0
Z5U
10/100
10/100
10/100
5.0
5.0
7.5
± 30%
± 30%
± 30%
1/10
1/10
1/10
100
50
25
5.0
5.0
7.0
7.0
10.0
Y5V
10/100
10/100
10/100
10/100
10/50
7.5
7.5
10.0
10.0
15.0
± 30%
± 30%
± 30%
± 30%
± 30%
1/10
1/10
1/10
1/10
1/5
100
50
25
16
6.3/10
>564 cap value
_
*200 Volt limits not currently included in EIA-198.
CERAMIC CHIP CAPACITORS
Impedance versus Frequency Z5U/Y5V Dielectric
Impedance (Ohms)
Frequency (MHz)
0.1
0.3
1
3
10
100
300
1,000
30
1206
105
Y5V
0.03
0.1
1
10
30
3
0.3
1206
104
Z5U
0603
104
Y5V
0805
104
Y5V
FIGURE 6.
10
1
0.1
0.01
0.001
0.1
1
10
100
1000
C0603C105K8P
AC
C0805C106K9P
AC
Frequency (MHz)
C1206C105K8P
AC
C1206C106K8P
AC
Impedance (Ohms)
FIGURE 7.
Impedence versus Frequency X5R Dielectric
71


同様の部品番号 - CDR01BX561BKW4

メーカー部品番号データシート部品情報
logo
AVX Corporation
CDR01BX561B AVX-CDR01BX561B Datasheet
44Kb / 2P
   Chips
CDR01BX561B AVX-CDR01BX561B Datasheet
41Kb / 2P
   Military Part Number Identification
CDR01BX561B AVX-CDR01BX561B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
More results

同様の説明 - CDR01BX561BKW4

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com