データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C1551 データシート(PDF) 5 Page - Exar Corporation

部品番号 ST16C1551
部品情報  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1551 データシート(HTML) 5 Page - Exar Corporation

  ST16C1551 Datasheet HTML 1Page - Exar Corporation ST16C1551 Datasheet HTML 2Page - Exar Corporation ST16C1551 Datasheet HTML 3Page - Exar Corporation ST16C1551 Datasheet HTML 4Page - Exar Corporation ST16C1551 Datasheet HTML 5Page - Exar Corporation ST16C1551 Datasheet HTML 6Page - Exar Corporation ST16C1551 Datasheet HTML 7Page - Exar Corporation ST16C1551 Datasheet HTML 8Page - Exar Corporation ST16C1551 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
xr
ST16C1550/51
REV. 4.2.1
2.97V TO 5.5V UART WITH 16-BYTE FIFO
5
PIN DESCRIPTIONS
NAME
28-PIN
PLCC
(1550)
28-PIN
PLCC
(1551)
48-PIN
TQFP
TYPE
DESCRIPTION
DATA BUS INTERFACE
A0
A1
A2
21
20
19
21
20
19
30
28
27
I
Address data lines [2:0]. A2:A0 selects internal UART’s configuration regis-
ters.
D0
D1
D2
D3
D4
D5
D6
D7
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
43
45
46
47
3
4
5
6
I/O
Data bus lines [7:0] (bidirectional).
IOR#
16
15
20
I
Input/Output Read (active low). The falling edge instigates an internal read
cycle and retrieves the data byte from an internal register pointed by the
address lines [A2:A0], places it on the data bus to allow the host processor to
read it on the leading edge.
IOW#
14
13
17
I
Input/Output Write (active low). The falling edge instigates the internal write
cycle and the rising edge transfers the data byte on the data bus to an internal
register pointed by the address lines [A2:A0].
CS#
11
11
9
I
Chip Select input (active low). A logic 0 on this pin selects the ST16C155X
device.
INT
18
18
23
O
Interrupt Output (three-state, active high). INT output defaults to three-state
mode and becomes active high when MCR bit-3 is set to a logic 1. INT output
becomes a logic high level when interrupts are enabled in the interrupt enable
register (IER), and whenever the transmitter, receiver, line and/or modem sta-
tus register has an active condition.
MODEM OR SERIAL I/O INTERFACE
TX
10
10
8
O
Transmit Data. This output is associated with individual serial transmit chan-
nel data from the 155X. The TX signal will be a logic 1 during reset, idle (no
data), or when the transmitter is disabled. During the local loopback mode, the
TX output pin is disabled and TX data is internally connected to the UART RX
input.
RX
9
9
7
I
Receive Data. This input is associated with individual serial channel data to
the 155X. Normal received data input idles at logic 1 condition. This input
must be connected to its idle logic state, logic 1, else the receiver may report
“receive break” and/or “error” condition(s).
RTS#
22
22
31
O
Request to Send or general purpose output (active low). If this pin is not
needed for modem communication, then it can be used as a general I/O. If it
is not used, leave it unconnected.
CTS#
25
25
34
I
Clear to Send or general purpose input (active low). If this pin is not needed
for modem communication, then it can be used as a general I/O. If it is not
used, connect it to VCC.


同様の部品番号 - ST16C1551

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C1551 EXAR-ST16C1551 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1551CJ28 EXAR-ST16C1551CJ28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1551CP28 EXAR-ST16C1551CP28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1551CQ48 EXAR-ST16C1551CQ48 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1551IJ28 EXAR-ST16C1551IJ28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

同様の説明 - ST16C1551

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com