データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440530047 データシート(PDF) 4 Page - Monolithic Power Systems

部品番号 7440530047
部品情報  1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

7440530047 データシート(HTML) 4 Page - Monolithic Power Systems

  7440530047 Datasheet HTML 1Page - Monolithic Power Systems 7440530047 Datasheet HTML 2Page - Monolithic Power Systems 7440530047 Datasheet HTML 3Page - Monolithic Power Systems 7440530047 Datasheet HTML 4Page - Monolithic Power Systems 7440530047 Datasheet HTML 5Page - Monolithic Power Systems 7440530047 Datasheet HTML 6Page - Monolithic Power Systems 7440530047 Datasheet HTML 7Page - Monolithic Power Systems 7440530047 Datasheet HTML 8Page - Monolithic Power Systems 7440530047 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP2359 – 1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
MP2359 Rev. 1.1
www.MonolithicPower.com
4
6/23/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, L = 4.7µH, C1 = 10µF, C2 = 22µF, TA = +25ºC, unless otherwise noted.
VSW
10V/div.
VEN
5V/div.
VOUT
1V/div.
IL
1A/div.
Start-up through Enable
IOUT = 1A Resistive Load
VOUT
1V/div.
VSW
10V/div.
VEN
5V/div.
Start-up through Enable
No Load
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
IL
1A/div.
Shut-down through Enable
No Load
Shut-down through Enable
IOUT = 1A Resistive Load
IL
500mA/div.
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
IL
1A/div.
VOUT
1V/div.
IL
1A/div.
Short Circuit Entry
Short Circuit Recovery
VOUT
1V/div.
IL
1A/div.
400ns/div.
Steady State Test
IOUT = 0.5A
VOUT
AC Coupled
50mV/div.
IL
1A/div.
ILOAD
1A/div.
VOUT
20mV/div.
VSW
10V/div.
IL
500mA/div.
Current Limit vs
Duty Cycle
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE (%)
0
20
40
60
80
100


同様の部品番号 - 7440530047

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
logo
Skyworks Solutions Inc.
7440530047 SKYWORKS-7440530047 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440530047

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
   0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
   1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
   1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com