データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040D50IDBZT データシート(PDF) 1 Page - Vishay Siliconix

部品番号 LM4040D50IDBZT
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM4040D50IDBZT データシート(HTML) 1 Page - Vishay Siliconix

  LM4040D50IDBZT Datasheet HTML 1Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 2Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 3Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 4Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 5Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 6Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 7Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 8Page - Vishay Siliconix LM4040D50IDBZT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
www.ti.com
FEATURES
APPLICATIONS
* Pin 3 is attached to substrate and must be
connected to ANODE or left open.
DBZ (SOT-23) PACKAGE
(TOP VIEW)
CATHODE
ANODE
DCK (SC-70) PACKAGE
(TOP VIEW)
ANODE
NC
CATHODE
NC
NC
1
2
3*
1
2
3
5
4
NC
CATHODE
ANODE
LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
NC – No internal connection
NC – No internal connection
NC – No internal connection
DESCRIPTION/ORDERING INFORMATION
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
Fixed Output Voltages of 2.048 V, 2.5 V, 3 V,
4.096 V, 5 V, 8.192 V, and 10 V
Tight Output Tolerances and Low
Temperature Coefficient
– Max 0.1%, 100 ppm/
°C – A Grade
– Max 0.2%, 100 ppm/
°C – B Grade
– Max 0.5%, 100 ppm/
°C – C Grade
– Max 1.0%, 150 ppm/
°C – D Grade
Low Output Noise
…35 µV
RMS Typ
Wide Operating Current Range
…45 µA Typ to
15 mA
Stable With All Capacitive Loads; No Output
Capacitor Required
Available in Extended Temperature
Range
…–40°C to 125°C
Data-Acquisition Systems
Power Supplies and Power-Supply Monitors
Instrumentation and Test Equipment
Process Controls
Precision Audio
Automotive Electronics
Energy Management
Battery-Powered Equipment
The LM4040 series of shunt voltage references are versatile, easy-to-use references that cater to a vast array of
applications. The 2-pin fixed-output device requires no external capacitors for operation and is stable with all
capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and low temperature
coefficient to ensure a stable output voltage over a wide range of operating currents and temperatures. The
LM4040 uses fuse and Zener-zap reverse breakdown voltage trim during wafer sort to offer four output voltage
tolerances, ranging from 0.1% (max) for the A grade to 1% (max) for the D grade. Thus, a great deal of flexibility
is offered to designers in choosing the best cost-to-performance ratio for their applications.
Packaged in space-saving SC-70 and SOT-23-3 packages and requiring a minimum current of 45
µA (typ), the
LM4040 also is ideal for portable applications. The LM4040xI is characterized for operation over an ambient
temperature range of –40
°C to 85°C. The LM4040xQ is characterized for operation over an ambient temperature
range of –40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM4040D50IDBZT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040D50IDBZT TI-LM4040D50IDBZT Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D50IDBZT TI-LM4040D50IDBZT Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D50IDBZT TI-LM4040D50IDBZT Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D50IDBZT TI-LM4040D50IDBZT Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D50IDBZT TI1-LM4040D50IDBZT Datasheet
975Kb / 55P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - LM4040D50IDBZT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com