データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB2520CT データシート(PDF) 1 Page - Won-Top Electronics

部品番号 SB2520CT
部品情報  25A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB2520CT データシート(HTML) 1 Page - Won-Top Electronics

  SB2520CT_06 Datasheet HTML 1Page - Won-Top Electronics SB2520CT_06 Datasheet HTML 2Page - Won-Top Electronics SB2520CT_06 Datasheet HTML 3Page - Won-Top Electronics SB2520CT_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB2520CT – SB25100CT
1 of 4
© 2006 Won-Top Electronics
Pb
SB2520CT – SB25100CT
25A DUAL SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
                D
Mechanical Data
F
E
!
Case: TO-220, Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
J
PIN 3 -
Case, PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
2520CT
SB
2530CT
SB
2540CT
SB
2545CT
SB
2550CT
SB
2560CT
SB
2580CT
SB
25100CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TC = 95°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 12.5A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
100
mA
Typical Junction Capacitance (Note 1)
Cj
1100
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
TO-220
Dim
Min
Max
A
13.90
15.90
B
9.80
10.70
C
2.54
3.43
D
3.56
4.56
E
12.70
14.73
F
0.51
0.96
G
3.55 Ø
4.09 Ø
H
5.75
6.85
I
4.16
5.00
J
2.03
2.92
K
0.30
0.65
L
1.14
1.40
P
2.29
2.79
All Dimensions in mm


同様の部品番号 - SB2520CT_06

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB2520CT PANJIT-SB2520CT_04 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SB2520CT_06

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB2520FCT WTE-SB2520FCT_06 Datasheet
50Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520CT WTE-SB2520CT Datasheet
39Kb / 3P
   25A SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT Datasheet
40Kb / 3P
   25A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
   25A SCHOTTKY RECTIFIER
MUR2505 DIGITRON-MUR2505 Datasheet
122Kb / 3P
   25A SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
25SQ030 ZSELEC-25SQ030 Datasheet
89Kb / 2P
   25A SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SBLF1640CT VISHAY-SBLF1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
MBR1535CT VISHAY-MBR1535CT Datasheet
55Kb / 3P
   Dual Schottky Barrier Rectifier
01-Jul-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
MBR40H60PT VISHAY-MBR40H60PT Datasheet
34Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com