データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB2580FCT データシート(PDF) 4 Page - Won-Top Electronics

部品番号 SB2580FCT
部品情報  25A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB2580FCT データシート(HTML) 4 Page - Won-Top Electronics

  SB2580FCT Datasheet HTML 1Page - Won-Top Electronics SB2580FCT Datasheet HTML 2Page - Won-Top Electronics SB2580FCT Datasheet HTML 3Page - Won-Top Electronics SB2580FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SB2520FCT – SB25100FCT
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB2520FCT
ITO-220
50 Units/Tube
SB2530FCT
ITO-220
50 Units/Tube
SB2540FCT
ITO-220
50 Units/Tube
SB2545FCT
ITO-220
50 Units/Tube
SB2550FCT
ITO-220
50 Units/Tube
SB2560FCT
ITO-220
50 Units/Tube
SB2580FCT
ITO-220
50 Units/Tube
SB25100FCT
ITO-220
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SB2520FCT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


同様の部品番号 - SB2580FCT

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB2580FCT PANJIT-SB2580FCT Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
logo
Won-Top Electronics
SB2580FCT WTE-SB2580FCT Datasheet
40Kb / 3P
   25A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2580FCT PANJIT-SB2580FCT Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB2580FCT PACELEADER-SB2580FCT Datasheet
267Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SB2580FCT

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520CT WTE-SB2520CT Datasheet
39Kb / 3P
   25A SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT Datasheet
40Kb / 3P
   25A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
   25A SCHOTTKY RECTIFIER
MUR2505 DIGITRON-MUR2505 Datasheet
122Kb / 3P
   25A SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
25SQ030 ZSELEC-25SQ030 Datasheet
89Kb / 2P
   25A SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SBLF1640CT VISHAY-SBLF1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
MBR1535CT VISHAY-MBR1535CT Datasheet
55Kb / 3P
   Dual Schottky Barrier Rectifier
01-Jul-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
MBR40H60PT VISHAY-MBR40H60PT Datasheet
34Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com